Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2313E Datasheet (PDF) - Princeton Technology Corp

PT2313E Datasheet PDF - Princeton Technology Corp
Part # PT2313E
Download  PT2313E Download

File Size   198.43 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo Audio Processor for Car Audio

PT2313E Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2313E Datasheet PDF - Princeton Technology Corp

Part # PT2313E
Download  PT2313E Click to download

File Size   198.43 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo Audio Processor for Car Audio

PT2313E Datasheet (HTML) - Princeton Technology Corp


PT2313E Product details

DESCRIPTION

The PT2313E is an audio processor designed for versatile application, includes 3 stereo input selector

with adjustable gain, master volume control with low frequency loudness compensation, individual output attenuator and tone control. It is a good solution for the car audio signal processing.



FEATURES

• 3 stereo inputs with gain selection, range from 0dB to +11.25dB in 3.75dB/step

• Master volume from 0 dB to -78.75dB in 1.25dB/step

• Speaker attenuator for balance and fader, range from 0dB to -38.75dB in 1.25dB/step

• Each channel output can be muted individually.

• Low frequency loudness compensation

• Bass and Treble control, range from -14dB to

+14dB in 2dB/step

• Wide operation range (VDD=4V to 10V)

• Improved and replace PT2313L




Similar Part No. - PT2313E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E-S PTC-PT2313E-S Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
More results


Similar Description - PT2313E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2347 PTC-PT2347 Datasheet
213Kb / 3P
   Stereo Audio Processor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com