Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61NLP102436A-166B3 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61NLP102436A-166B3 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61NLP102436A-166B3
Download  IS61NLP102436A-166B3 Download

File Size   228.58 Kbytes
Page   22 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Mb x 36 and 2Mb x 18 STATE BUS SRAM

IS61NLP102436A-166B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61NLP102436A-166B3 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61NLP102436A-166B3
Download  IS61NLP102436A-166B3 Click to download

File Size   228.58 Kbytes
Page   22 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 1Mb x 36 and 2Mb x 18 STATE BUS SRAM

IS61NLP102436A-166B3 Datasheet (HTML) - Integrated Silicon Solution, Inc

Back Button IS61NLP102436A-166B3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61NLP102436A-166B3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button 

IS61NLP102436A-166B3 Product details

DESCRIPTION
The 36 Meg NLP/NVP product family feature high-speed, low-power synchronous static RAMs designed to provide a burstable, high-performance, no wait state, device for networking and communications applications. They are organized as 1M words by 36 bits and 2M words by 18 bits, fabricated with ISSIs advanced CMOS technology.

FEATURES
• 100 percent bus utilization
• No wait cycles between Read and Write
• Internal self-timed write cycle
• Individual Byte Write Control
• Single R/W (Read/Write) control pin
• Clock controlled, registered address, data and control
• Interleaved or linear burst sequence control using MODE input
• Three chip enables for simple depth expansion and address pipelining
• Power Down mode
• Common data inputs and data outputs
• CKE pin to enable clock and suspend operation
• JEDEC 100-pin TQFP and 165-ball PBGA packages
• Power supply: NVP: VDD 2.5V (± 5%), VDDQ 2.5V (± 5%) NLP: VDD 3.3V (± 5%), VDDQ 3.3V/2.5V (± 5%)
• Industrial temperature available
• Lead-free available




Similar Part No. - IS61NLP102436A-166B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP102418 ISSI-IS61NLP102418 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP102418-200B3 ISSI-IS61NLP102418-200B3 Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP102418-200B3I ISSI-IS61NLP102418-200B3I Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP102418-200TQ ISSI-IS61NLP102418-200TQ Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP102418-200TQI ISSI-IS61NLP102418-200TQI Datasheet
277Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results


Similar Description - IS61NLP102436A-166B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832B ISSI-IS61NLP12832B Datasheet
528Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 STATE BUS SRAM
logo
GSI Technology
GS8673EQ18BGK-625IS GSI-GS8673EQ18BGK-625IS Datasheet
368Kb / 25P
   2Mb x 36 and 4Mb x 18 organizations available
logo
Integrated Silicon Solu...
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61VPS102436A ISSI-IS61VPS102436A Datasheet
281Kb / 21P
   1Mb x 36, 2Mb x 18 36Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Silicon Solu...
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com