Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25C08B Datasheet (PDF) - Integrated Silicon Solution, Inc

IS25C08B Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS25C08B
Download  IS25C08B Download

File Size   754.08 Kbytes
Page   17 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM

IS25C08B Datasheet (PDF)

Go To PDF Page Download Datasheet
IS25C08B Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS25C08B
Download  IS25C08B Click to download

File Size   754.08 Kbytes
Page   17 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM

IS25C08B Datasheet (HTML) - Integrated Silicon Solution, Inc

Back Button IS25C08B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25C08B Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button 

IS25C08B Product details

DESCRIPTION
The IS25C08B is an 8Kbit (1024x 8) electrically erasable PROM devices that use the Serial Peripheral Interface (SPI) for communications.
This EEPROM operates in a wide voltage range of 1.8V to 5.5V to be compatible with most application voltages. ISSI designed this device to be a practical, low-power SPI EEPROM solution. The devices are offered in lead-free, RoHS, halogen free or Green. The available package types are 8-pin SOIC, TSSOP, UDFN and CSP.

FEATURES
•  Serial Peripheral Interface (SPI) Compatible
    — Supports SPI Modes 0 (0,0) and 3 (1,1)
•  Wide-voltage Operation
    — Vcc = 1.8V to 5.5V
•  Low power CMOS
 — Operating current less than 1 mA (1.8V)
 — Standby current less than 1 µA (1.8V)
•  Block Write Protection
    — Protect 1/4, 1/2, or Entire Array
•  32-byte page write mode
      — Partial page writes allowed
•  20 MHz Clock Rate (5V)
•  Self timed write cycles (5 ms Typical)
•  High-reliability
    — Endurance: 1 million cycles per byte
    — Data retention: 100 years
•  Industrial grade
•  Packages: SOIC/SOP, TSSOP, UDFN and CSP




Similar Part No. - IS25C08B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08-2CLI ISSI-IS25C08-2CLI Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08-2GI ISSI-IS25C08-2GI Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08-2GLI ISSI-IS25C08-2GLI Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08-2PI ISSI-IS25C08-2PI Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Similar Description - IS25C08B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com