Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDE6IC7120NR1 Datasheet (PDF) - Freescale Semiconductor, Inc

MDE6IC7120NR1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MDE6IC7120NR1
Download  MDE6IC7120NR1 Download

File Size   512.06 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF LDMOS Wideband Integrated Power Amplifiers

MDE6IC7120NR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDE6IC7120NR1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MDE6IC7120NR1
Download  MDE6IC7120NR1 Click to download

File Size   512.06 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF LDMOS Wideband Integrated Power Amplifiers

MDE6IC7120NR1 Datasheet (HTML) - Freescale Semiconductor, Inc


MDE6IC7120NR1 Product details

The MDE6IC7120N/GN wideband integrated circuit is designed with on-chip matching that makes it usable from 728 to 768 MHz. This multi-stage structure is rated for 26 to 32 Volt operation and covers all typical cellular base station modulation formats.

• Typical Doherty Single-Carrier W-CDMA Performance: VDD = 28 Volts, IDQ1A = IDQ1B = 80 mA, IDQ2A = 550 mA, VG2B = 2.3 Vdc, Pout = 25 Watts Avg., IQ Magnitude Clipping, Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF.
• Capable of Handling 10:1 VSWR, @ 32 Vdc, 748 MHz, 104 Watts CW Output Power (2 dB Input Overdrive from Rated Pout), Designed for Enhanced Ruggedness
• Stable into a 5:1 VSWR. All Spurs Below -60 dBc @ 100 mW to 120 Watts CW Pout
• Typical Pout @ 1 dB Compression Point  120 Watts CW

Features
• Production Tested in a Symmetrical Doherty Configuration
• 100% PAR Tested for Guaranteed Output Power Capability
• Characterized with Series Equivalent Large-Signal Impedance Parameters and Common Source S-Parameters
• On-Chip Matching (50 Ohm Input, DC Blocked)
• Integrated Quiescent Current Temperature Compensation with Enable/Disable Function (1)
• Integrated ESD Protection
• 225°C Capable Plastic Package
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel




Similar Part No. - MDE6IC7120NR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MDE6IC7120NR1 NXP-MDE6IC7120NR1 Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
More results


Similar Description - MDE6IC7120NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com