Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1138HA8 Datasheet (PDF) - New Japan Radio

NJG1138HA8 Datasheet PDF - New Japan Radio
Part # NJG1138HA8
Download  NJG1138HA8 Download

File Size   509.42 Kbytes
Page   14 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 900MHz Band LNA GaAs MMIC

NJG1138HA8 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJG1138HA8 Datasheet PDF - New Japan Radio

Part # NJG1138HA8
Download  NJG1138HA8 Click to download

File Size   509.42 Kbytes
Page   14 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 900MHz Band LNA GaAs MMIC

NJG1138HA8 Datasheet (HTML) - New Japan Radio

Back Button NJG1138HA8 Datasheet HTML 1Page - New Japan Radio NJG1138HA8 Datasheet HTML 2Page - New Japan Radio NJG1138HA8 Datasheet HTML 3Page - New Japan Radio NJG1138HA8 Datasheet HTML 4Page - New Japan Radio NJG1138HA8 Datasheet HTML 5Page - New Japan Radio NJG1138HA8 Datasheet HTML 6Page - New Japan Radio NJG1138HA8 Datasheet HTML 7Page - New Japan Radio NJG1138HA8 Datasheet HTML 8Page - New Japan Radio NJG1138HA8 Datasheet HTML 9Page - New Japan Radio NJG1138HA8 Datasheet HTML 10Page - New Japan Radio Next Button 



Similar Part No. - NJG1138HA8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1130KA1 NJRC-NJG1130KA1 Datasheet
281Kb / 10P
   GPS LOW NOISE AMPLIFIER GaAs MMIC
NJG1131HA8 NJRC-NJG1131HA8 Datasheet
236Kb / 10P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1134HA8 NJRC-NJG1134HA8 Datasheet
393Kb / 15P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
NJG1139UA2 NJRC-NJG1139UA2 Datasheet
459Kb / 15P
   UHF BAND LOW NOISE AMPLIFIER GaAs MMIC
More results


Similar Description - NJG1138HA8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1106KB2 NJRC-NJG1106KB2 Datasheet
171Kb / 11P
   800MHz BAND LNA GaAs MMIC
NJG1104KB2 NJRC-NJG1104KB2 Datasheet
273Kb / 12P
   800MHz BAND LNA GaAs MMIC
NJG1135MD7 NJRC-NJG1135MD7 Datasheet
860Kb / 20P
   CDMA DUAL BAND LNA GaAs MMIC
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
   GaAs MMIC LNA
logo
Filtronic Compound Semi...
FMA219 FILTRONIC-FMA219 Datasheet
328Kb / 5P
   X-BAND LNA MMIC
FMA219 FILTRONIC-FMA219_1 Datasheet
389Kb / 5P
   X-BAND LNA MMIC
logo
New Japan Radio
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
M/A-COM Technology Solu...
MAAM02350 MA-COM-MAAM02350_15 Datasheet
624Kb / 5P
   Wide Band GaAs MMIC Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com