Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB54R5128KN-A75B Datasheet (PDF) - Elpida Memory

HB54R5128KN-A75B Datasheet PDF - Elpida Memory
Part # HB54R5128KN-A75B
Download  HB54R5128KN-A75B Download

File Size   197.37 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB DDR SDRAM SO DIMM

HB54R5128KN-A75B Datasheet (PDF)

Go To PDF Page Download Datasheet
HB54R5128KN-A75B Datasheet PDF - Elpida Memory

Part # HB54R5128KN-A75B
Download  HB54R5128KN-A75B Click to download

File Size   197.37 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 512MB DDR SDRAM SO DIMM

HB54R5128KN-A75B Datasheet (HTML) - Elpida Memory

Back Button HB54R5128KN-A75B Datasheet HTML 1Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 2Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 3Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 4Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 5Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 6Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 7Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 8Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 9Page - Elpida Memory HB54R5128KN-A75B Datasheet HTML 10Page - Elpida Memory Next Button 

HB54R5128KN-A75B Product details

Description
The HB54R5128KN is Double Data Rate (DDR) SDRAM Module, mounted 256M bits DDR SDRAM (HM5425801BTB) sealed in TCP package, and 1 piece of serial EEPROM (2k bits EEPROM) for Presence Detect (PD). The HB54R5128KN is organized as 32M × 64 × 2 banks mounted 16 pieces of 256M bits DDR SDRAM.

Features
• 200-pin socket type package (dual lead out)
    - Outline: 67.6mm (Length) × 31.75mm (Height) × 3.80mm (Thickness)
    - Lead pitch: 0.6mm
• 2.5V power supply (VCC)
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 133 MHz (max) (-A75B/B75B) : 100 MHz (max) (-10B)
• Data inputs, outputs and DM are synchronized with DQS
• 4 banks can operate simultaneously and independently (Component)
• Burst read/write operation
• Programmable burst length: 2, 4, 8
    - Burst read stop capability
• Programmable burst sequence
    - Sequential
    - Interleave
• Start addressing capability
    - Even and Odd
• Programmable /CAS latency (CL): 2, 2.5
• 8192 refresh cycles: 7.8µs (8192row/64ms)
• 2 variations of refresh
    - Auto refresh
    - Self refresh




Similar Part No. - HB54R5128KN-A75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54R1G9F2 ELPIDA-HB54R1G9F2 Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2-10B ELPIDA-HB54R1G9F2-10B Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2-10B ELPIDA-HB54R1G9F2-10B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2-A75B ELPIDA-HB54R1G9F2-A75B Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2-B75B ELPIDA-HB54R1G9F2-B75B Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
More results


Similar Description - HB54R5128KN-A75B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN06464L1BF1MT-60R ETC2-SDN06464L1BF1MT-60R Datasheet
693Kb / 14P
   512MB DDR SDRAM SO-DIMM
logo
Elpida Memory
EBD52UC8AARA ELPIDA-EBD52UC8AARA Datasheet
197Kb / 17P
   512MB DDR SDRAM SO DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
SDN06464K1BF1MT-50 ETC2-SDN06464K1BF1MT-50 Datasheet
607Kb / 13P
   512MB DDR1 ??SDRAM SO-DIMM
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CH1MT-30R ETC2-SEN06464H2CH1MT-30R Datasheet
409Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com