Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3176 Datasheet (PDF) - Toshiba Semiconductor

2SK3176 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3176
Download  2SK3176 Download
File Size   139.9 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK3176 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3176 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3176
Download  2SK3176 Click to download

File Size   139.9 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK3176 Datasheet (HTML) - Toshiba Semiconductor


2SK3176 Product details

Switching Regulator, DC-DC Converter and Motor Drive Applications



• Low drain-source ON resistance: RDS (ON)= 38 mΩ(typ.)

• High forward transfer admittance: |Yfs| = 30 S (typ.)

• Low leakage current: IDSS= 100 mA (max) (VDS= 200 V)

•Enhancement-mode: Vth= 1.5 to 3.5 V   (VDS= 10 V, ID= 1 mA)




Similar Part No. - 2SK3176

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176 Datasheet
185Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3176 TOSHIBA-2SK3176 Datasheet
168Kb / 6P
Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3176 TOSHIBA-2SK3176 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3176 ISC-2SK3176 Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176_07 Datasheet
185Kb / 6P
Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
More results


Similar Description - 2SK3176

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2992 TOSHIBA-2SK2992 Datasheet
277Kb / 5P
N CHANNEL MOS TYPE(HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER,AND MOTOR DRIVE APPLICATIONS)
2SK2995 TOSHIBA-2SK2995 Datasheet
296Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3068 TOSHIBA-2SK3068 Datasheet
291Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3084 TOSHIBA-2SK3084 Datasheet
142Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3089 TOSHIBA-2SK3089 Datasheet
137Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3090 TOSHIBA-2SK3090 Datasheet
137Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3127 TOSHIBA-2SK3127 Datasheet
139Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3128 TOSHIBA-2SK3128 Datasheet
140Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1486 TOSHIBA-2SK1486_06 Datasheet
744Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com