Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3075 Datasheet (PDF) - Toshiba Semiconductor

2SK3075 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3075
Download  2SK3075 Download

File Size   115.71 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (RF POWER MOSFET FOR VHF- AND UHF-BAND POWER AMPLIFIER)

2SK3075 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3075 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3075
Download  2SK3075 Click to download

File Size   115.71 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (RF POWER MOSFET FOR VHF- AND UHF-BAND POWER AMPLIFIER)

2SK3075 Datasheet (HTML) - Toshiba Semiconductor

2SK3075 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3075 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3075 Datasheet HTML 3Page - Toshiba Semiconductor

2SK3075 Product details

FIELD EFFECT TRANSISTOR SILICON N CHANNELMOS TYPE

RF POWER MOSFET FOR VHF−AND UHF−BAND POWER AMPLIFIER



(Note)The TOSHIBA products listed inthis document are intended for high frequency Power Amplifier of telecommunications equipment. These TOSHIBA products are neither intended nor warranted for any other use. Do not use these TOSHIBA products listed in this document except for high frequency Power Amplifier of telecommunications equipment.



  Output Power  : PO ≥7.5W

  Power Gain  : GP ≥11.7dB

  Drain Efficiency  : ηD ≥50%



Similar Part No. - 2SK3075

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3075 TOSHIBA-2SK3075 Datasheet
168Kb / 4P
   SILICON N CHANNEL MOS TYPE RF POWER MOSFET FOR VHF−AND UHF−BAND POWER AMPLIFIER
2SK3075 TOSHIBA-2SK3075 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3075 TOSHIBA-2SK3075_07 Datasheet
168Kb / 4P
   SILICON N CHANNEL MOS TYPE RF POWER MOSFET FOR VHF−AND UHF−BAND POWER AMPLIFIER
More results


Similar Description - 2SK3075

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3074 TOSHIBA-2SK3074 Datasheet
112Kb / 3P
   N CHANNEL MOS TYPE (RF POWER MOSFET FOR VHF- AND UHF-BAND POWER AMPLIFIER)
2SK3074 TOSHIBA-2SK3074_07 Datasheet
160Kb / 4P
   SILICON N CHANNEL MOS TYPE RF POWER MOSFET FOR VHF−AND UHF-BAND POWER AMPLIFIER
2SK3075 TOSHIBA-2SK3075_07 Datasheet
168Kb / 4P
   SILICON N CHANNEL MOS TYPE RF POWER MOSFET FOR VHF−AND UHF−BAND POWER AMPLIFIER
2SK3656 TOSHIBA-2SK3656 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3475 TOSHIBA-2SK3475_07 Datasheet
157Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3476 TOSHIBA-2SK3476_07 Datasheet
166Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3756 TOSHIBA-2SK3756 Datasheet
155Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3078A TOSHIBA-2SK3078A_07 Datasheet
131Kb / 5P
   Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications
logo
New Japan Radio
NJM2275 NJRC-NJM2275_1 Datasheet
214Kb / 11P
   VHF/UHF BAND RF AMPLIFIER
logo
STMicroelectronics
STAC4932B STMICROELECTRONICS-STAC4932B_V01 Datasheet
299Kb / 13P
   HF/VHF/UHF RF power N-channel MOSFET
Rev 8 - April 2020
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com