Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK30 Datasheet (PDF) - Toshiba Semiconductor

2SK30 Datasheet PDF - Toshiba Semiconductor
Part # 2SK30
Download  2SK30 Download
File Size   252.35 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)

2SK30 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK30 Datasheet PDF - Toshiba Semiconductor

Part # 2SK30
Download  2SK30 Click to download

File Size   252.35 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)

2SK30 Datasheet (HTML) - Toshiba Semiconductor


2SK30 Product details

FM Tuner, VHF RF Amplifier Applications



Low reverse transfer capacitance: Crss= 0.035 pF (typ.)

Low noise figure: NF = 1.7dB (typ.)

High power gain: Gps= 28dB (typ.)

Recommend operation voltage: 5~15 V




Similar Part No. - 2SK30

ManufacturerPart #DatasheetDescription
logo
NEC
2SK30 NEC-2SK30 Datasheet
72Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Panasonic Semiconductor
2SK30 PANASONIC-2SK30 Datasheet
34Kb / 2P
Silicon N-Channel Power F-MOS FET
logo
Sanyo Semicon Device
2SK30 SANYO-2SK30 Datasheet
70Kb / 3P
Low-Frequency Amp Applications?
logo
Hitachi Semiconductor
2SK30 HITACHI-2SK30 Datasheet
52Kb / 10P
Silicon N Channel MOS FET High Speed Power Switching
logo
Sony Corporation
2SK300 SONY-2SK300 Datasheet
82Kb / 2P
2SK300
More results


Similar Description - 2SK30

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1771 TOSHIBA-2SK1771 Datasheet
190Kb / 5P
N-CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK241 TOSHIBA-2SK241 Datasheet
262Kb / 5P
N CHANNEL MOS TYPE (FM TUNER, VHF AND FR AMPLIFIER APPLICATIONS)
2SK882 TOSHIBA-2SK882 Datasheet
199Kb / 4P
N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
3SK195 TOSHIBA-3SK195 Datasheet
223Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER ,FM TUNER APPLICATIONS)
3SK226 TOSHIBA-3SK226 Datasheet
214Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER , FM TUNER APPLICATIONS)
3SK258 TOSHIBA-3SK258 Datasheet
215Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV, FM TUNER VHF RF AMPLIFIER APPLICATIONS)
2SK882 TOSHIBA-2SK882_07 Datasheet
630Kb / 6P
Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK1771 TOSHIBA-2SK1771_07 Datasheet
584Kb / 6P
N-CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK302 TOSHIBA-2SK302_07 Datasheet
864Kb / 7P
Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
FM Tuner, VHF RF Amplifier Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com