Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBKG-3-123-111 Datasheet (PDF) - American Accurate Components, Inc.

JXWBKG-3-123-111 Datasheet PDF - American Accurate Components, Inc.
Part # JXWBKG-3-123-111
Download  JXWBKG-3-123-111 Download

File Size   103.22 Kbytes
Page   2 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Absorptive Switches 0.02 to 18GHz

JXWBKG-3-123-111 Datasheet (PDF)

Go To PDF Page Download Datasheet
JXWBKG-3-123-111 Datasheet PDF - American Accurate Components, Inc.

Part # JXWBKG-3-123-111
Download  JXWBKG-3-123-111 Click to download

File Size   103.22 Kbytes
Page   2 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Absorptive Switches 0.02 to 18GHz

JXWBKG-3-123-111 Datasheet (HTML) - American Accurate Components, Inc.

JXWBKG-3-123-111 Datasheet HTML 1Page - American Accurate Components, Inc. JXWBKG-3-123-111 Datasheet HTML 2Page - American Accurate Components, Inc.



Similar Part No. - JXWBKG-3-123-111

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-3-113-111 AAC-JXWBKG-3-113-111 Datasheet
108Kb / 2P
   Reflective Switches 0.02 to 18GHz
More results


Similar Description - JXWBKG-3-123-111

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-1-213-111 AAC-JXWBKG-1-213-111 Datasheet
108Kb / 2P
   Reflective Switches 0.02 to 18GHz
logo
Skyworks Solutions Inc.
SKY13384-350LF SKYWORKS-SKY13384-350LF Datasheet
989Kb / 12P
   0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
SKY13392-359LF SKYWORKS-SKY13392-359LF Datasheet
980Kb / 10P
   0.02-4.0 GHz High Isolation SP4T Absorptive Switch With Decoder
logo
TriQuint Semiconductor
TGA2620 TRIQUINT-TGA2620_15 Datasheet
522Kb / 13P
   16 to 18GHz Driver Amplifier
TGA2620-SM TRIQUINT-TGA2620-SM_15 Datasheet
618Kb / 14P
   16 to 18GHz Driver Amplifier
logo
Dielectric Laboratories...
FPC06075 DILABS-FPC06075 Datasheet
345Kb / 2P
   12 to 18GHz 10dB Directional Coupler
FPC06078 DILABS-FPC06078 Datasheet
337Kb / 2P
   12 to 18GHz 20dB Directional Coupler
logo
American Accurate Compo...
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
logo
Knowles Electronics
FPC06154 KNOWLES-FPC06154 Datasheet
295Kb / 2P
   12 to 18GHz 20dB Directional Coupler
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com