Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-SL140.0M-28 Datasheet (PDF) - Oscilent Corporation

813-SL140.0M-28 Datasheet PDF - Oscilent Corporation
Part # 813-SL140.0M-28
Download  813-SL140.0M-28 Download

File Size   237.58 Kbytes
Page   2 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 140.0 MHz Bandpass Filter Low Loss

813-SL140.0M-28 Datasheet (PDF)

Go To PDF Page Download Datasheet
813-SL140.0M-28 Datasheet PDF - Oscilent Corporation

Part # 813-SL140.0M-28
Download  813-SL140.0M-28 Click to download

File Size   237.58 Kbytes
Page   2 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 140.0 MHz Bandpass Filter Low Loss

813-SL140.0M-28 Datasheet (HTML) - Oscilent Corporation

813-SL140.0M-28 Datasheet HTML 1Page - Oscilent Corporation 813-SL140.0M-28 Datasheet HTML 2Page - Oscilent Corporation

813-SL140.0M-28 Product details

TYPE :
    140.0 MHz Bandpass Filter
    Low Loss



Similar Part No. - 813-SL140.0M-28

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL140.0M-28 OSCILENT-813-SL140.0M-28_14 Datasheet
122Kb / 4P
   Low-Loss 140MHz IF SAW Filter 28.0MHz Bandwidth
More results


Similar Description - 813-SL140.0M-28

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL140.0M-10B OSCILENT-813-SL140.0M-10B Datasheet
186Kb / 2P
   140.0 MHz Bandpass Filter Low Loss
809-SL140.0M-18 OSCILENT-809-SL140.0M-18 Datasheet
266Kb / 2P
   140.0 MHz Bandpass Filter Low Loss
logo
API Technologies Corp
SF0140BA03070S APITECH-SF0140BA03070S Datasheet
188Kb / 2P
   140.0 MHz Low-Loss Filter 10.0 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA03070S ICST-SF0140BA03070S Datasheet
184Kb / 2P
   140.0 MHz Low-Loss Filter 10.0 MHz Bandwidth
logo
TriQuint Semiconductor
854916 TRIQUINT-854916 Datasheet
41Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854909 TRIQUINT-854909 Datasheet
39Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854919 TRIQUINT-854919 Datasheet
43Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
854923 TRIQUINT-854923 Datasheet
59Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
logo
Oscilent Corporation
811-SL200.0M-05 OSCILENT-811-SL200.0M-05 Datasheet
268Kb / 2P
   200.0 MHz Bandpass SAW Filter Low Loss
logo
TriQuint Semiconductor
854920 TRIQUINT-854920 Datasheet
43Kb / 1P
   Std Low-Loss 140 MHz Bandpass Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com