Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

224-000312-20 Datasheet (PDF) - Oscilent Corporation

224-000312-20 Datasheet PDF - Oscilent Corporation
Part # 224-000312-20
Download  224-000312-20 Download

File Size   129.52 Kbytes
Page   2 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 32.768 KHz Crystal

224-000312-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
224-000312-20 Datasheet PDF - Oscilent Corporation

Part # 224-000312-20
Download  224-000312-20 Click to download

File Size   129.52 Kbytes
Page   2 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 32.768 KHz Crystal

224-000312-20 Datasheet (HTML) - Oscilent Corporation




Similar Part No. - 224-000312-20

ManufacturerPart #DatasheetDescription
logo
3M Electronics
224-1275-00-0602J 3M-224-1275-00-0602J Datasheet
240Kb / 3P
For DIPs with .100" (2.54 mm) lead spacing
logo
AG Electronica
224-1275-00-0602J AGELECTRONICA-224-1275-00-0602J Datasheet
303Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
224-1275-00-0602J AGELECTRONICA-224-1275-00-0602J Datasheet
303Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
224-1275-00-0602J AGELECTRONICA-224-1275-00-0602J Datasheet
308Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
224-1275-00-0602J AGELECTRONICA-224-1275-00-0602J Datasheet
308Kb / 4P
BASE P/CI, CERO FUERZA DE INSERCIÓN
31/01/2018
More results


Similar Description - 224-000312-20

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
223-000312-20 OSCILENT-223-000312-20 Datasheet
132Kb / 2P
32.768 KHz Crystal
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
CRYSTAL OSCILLATOR 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
DS-SERIES MICROCRYSTAL-DS-SERIES Datasheet
243Kb / 2P
Watch Crystal 32.768 kHz
logo
MMD Components
WC26SM MMD-WC26SM Datasheet
54Kb / 1P
32.768 KHz Clock Crystal
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
SMD WATCH CRYSTAL 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
Tuning Fork Crystal 32.768 kHz
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
Tuning Fork Crystal 32.768 kHz
logo
Mercury United Electron...
SSG MERCURY-SSG Datasheet
134Kb / 1P
32.768 KHz Surface Mount Crystal
logo
MICORO CRYSTAL SWITZERL...
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
Tuning Fork Crystal 32.768 kHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com