Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DSP30-12 Datasheet (PDF) - RSG Electronic Components GmbH

DSP30-12 Datasheet PDF - RSG Electronic Components GmbH
Part No. DSP30-12
Download  DSP30-12 Click to view

File Size   274.16 Kbytes
Page   3 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 7.5W to 100W Low Profile Din Rail Mount Power Supplies

DSP30-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP30-12 Datasheet PDF - RSG Electronic Components GmbH

Part No. DSP30-12
Download  DSP30-12 Click to view

File Size   274.16 Kbytes
Page   3 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 7.5W to 100W Low Profile Din Rail Mount Power Supplies

DSP30-12 Datasheet (HTML) - RSG Electronic Components GmbH

DSP30-12 Datasheet HTML 1Page - RSG Electronic Components GmbH DSP30-12 Datasheet HTML 2Page - RSG Electronic Components GmbH DSP30-12 Datasheet HTML 3Page - RSG Electronic Components GmbH

DSP30-12 Product details

7.5W to 100W Low Profile Din Rail Mount Power Supplies

• Low Profile for Building Automation
• 5V to 24V Outputs
• Wide Range AC Input
• -25°C to +71°C Operation
• Convection Cooled
• UL1310 Class 2
• Class II Double Insulation

DSP Features and Benefits
Features
• Low 56mm Profile
• Wide Range AC
• Convection cooled

Benefits
• Fits into wall mounted cabinets
• Global use with no input selector switches
• No system fan required



Similar Part No. - DSP30-12

ManufacturerPart No.DatasheetDescription
RSG Electronic Components GmbH
RSG Electronic Componen...
DSP30-12 RSG-DSP30-12 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
TDK Electronics
TDK Electronics
DSP30-12 TDK-DSP30-12 Datasheet
203Kb / 1P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DSP30-12

ManufacturerPart No.DatasheetDescription
RSG Electronic Components GmbH
RSG Electronic Componen...
DSP10 RSG-DSP10 Datasheet
462Kb / 4P
   7.5W to 100W Low Profile 7.5W to 100W Low Profile
DRB15 RSG-DRB15 Datasheet
1Mb / 5P
   15W to 100W Single Output DIN Rail Mount Power Supplies
DPP25-5 RSG-DPP25-5 Datasheet
231Kb / 3P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
List of Unclassifed Manufacturers
List of Unclassifed Man...
DRB15-100 ETC2-DRB15-100 Datasheet
469Kb / 2P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
RSG Electronic Components GmbH
RSG Electronic Componen...
DPP15 RSG-DPP15 Datasheet
468Kb / 4P
   15-100W, 5-48V Output DIN Rail Mount Power Supplies
MORNSUN Science& Technology Ltd.
MORNSUN Science& Techno...
LI05-20B24 MORNSUN-LI05-20B24 Datasheet
457Kb / 2P
   DIN-RAIL POWER SUPPLIES
LI72-20B24 MORNSUN-LI72-20B24 Datasheet
644Kb / 3P
   DIN-RAIL POWER SUPPLIES
TDK Electronics
TDK Electronics
DPP120-24-1 TDK-DPP120-24-1 Datasheet
579Kb / 2P
   120W 240W DIN Rail Mount Power Supplies
RSG Electronic Components GmbH
RSG Electronic Componen...
DPP480-24-1 RSG-DPP480-24-1 Datasheet
306Kb / 3P
   480W Single Output DIN Rail Mount Power Supplies
MicroPower Direct, LLC
MicroPower Direct, LLC
DR-75 MPD-DR-75 Datasheet
120Kb / 2P
   Low Cost, Industrial 75W, DIN Rail Mount AC/DC Power Supplies
More results


Datasheet Page

1  2  3 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz