Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAIA-007143-000100 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAIA-007143-000100 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAIA-007143-000100
Download  MAIA-007143-000100 Download

File Size   183.94 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Vector Modulator, 1.94 to 2.34 GHz

MAIA-007143-000100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAIA-007143-000100 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAIA-007143-000100
Download  MAIA-007143-000100 Click to download

File Size   183.94 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Vector Modulator, 1.94 to 2.34 GHz

MAIA-007143-000100 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MAIA-007143-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAIA-007143-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAIA-007143-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAIA-007143-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAIA-007143-000100 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAIA-007143-000100 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAIA-007143-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
logo
Tyco Electronics
MAIA-007100-0001TB MACOM-MAIA-007100-0001TB Datasheet
352Kb / 6P
   Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MAIA-007100-0001TB MA-COM-MAIA-007100-0001TB Datasheet
136Kb / 7P
   Dual Linear Driver for Vector Modulators
MAIA-007100-0001TB MA-COM-MAIA-007100-0001TB Datasheet
683Kb / 8P
   Dual Linear Driver for Vector Modulators
More results


Similar Description - MAIA-007143-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SA90-0001 MA-COM-SA90-0001 Datasheet
169Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
MAIA-007150-000100 MA-COM-MAIA-007150-000100 Datasheet
179Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
logo
Tyco Electronics
SA90-0001 MACOM-SA90-0001 Datasheet
365Kb / 5P
   Vector Modulator, 1.94 to 2.24 GHz
AM55-0027 MACOM-AM55-0027 Datasheet
812Kb / 2P
   UMTS Digital Gain Control Amplifier, 1.94 - 2.34 GHz
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
   1.5 GHz to 2.4 GHz RF Vector Modulator
REV. 0
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
   GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
M/A-COM Technology Solu...
MAIA-007100-000100 MA-COM-MAIA-007100-000100 Datasheet
141Kb / 5P
   Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com