Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFR-000514-000001 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAFR-000514-000001 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAFR-000514-000001
Download  MAFR-000514-000001 Download

File Size   93.98 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz

MAFR-000514-000001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAFR-000514-000001 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAFR-000514-000001
Download  MAFR-000514-000001 Click to download

File Size   93.98 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz

MAFR-000514-000001 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MAFR-000514-000001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFR-000514-000001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.



Similar Part No. - MAFR-000514-000001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000050-5S4C1T MA-COM-MAFR-000050-5S4C1T Datasheet
70Kb / 1P
   Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
MAFR-000053-AS1S1R MA-COM-MAFR-000053-AS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 869 MHz-894 MHz
MAFR-000054-GS1S1R MA-COM-MAFR-000054-GS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 925 MHz-960 MHz
MAFR-000055-DS1S1R MA-COM-MAFR-000055-DS1S1R Datasheet
93Kb / 2P
   Single Junction Robust Lead Isolator 1805 MHz-1880 MHz
MAFR-000072-DS1C1R MA-COM-MAFR-000072-DS1C1R Datasheet
94Kb / 2P
   Single Junction Robust Lead Circulator 1805 MHz-1880 MHz
More results


Similar Description - MAFR-000514-000001

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFR-000436-000001 MA-COM-MAFR-000436-000001 Datasheet
93Kb / 2P
   Single Junction Drop-In Circulator 3.1 GHz-3.5 GHz
MAFRIN0520 MA-COM-MAFRIN0520 Datasheet
72Kb / 1P
   Single Junction Drop-In Circulator 3.4 GHz-3.6 GHz
MAFR-000231-000001 MA-COM-MAFR-000231-000001 Datasheet
72Kb / 1P
   Single Junction Drop-In Circulator 3.3 GHz-3.4 GHz
MAFR-000430-000001 MA-COM-MAFR-000430-000001 Datasheet
93Kb / 2P
   Single Junction Drop-In Isolator 2.7 GHz-3.1 GHz
MAFRIN0512 MA-COM-MAFRIN0512 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator
logo
Tyco Electronics
FR11-0001 MACOM-FR11-0001 Datasheet
61Kb / 1P
   Single Junction Drop-In Circulator
logo
M/A-COM Technology Solu...
MAFRIN0536 MA-COM-MAFRIN0536 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator
MAFR-000171-5S3S1T MA-COM-MAFR-000171-5S3S1T Datasheet
76Kb / 1P
   Single Junction Drop-In Isolator 3.4 GHz-3.6 GHz
MAFR-000232-000001 MA-COM-MAFR-000232-000001 Datasheet
75Kb / 1P
   Single Junction Drop-In Isolator 3.3 GHz-3.4 GHz
MAFR-000127-WD3S1T MA-COM-MAFR-000127-WD3S1T Datasheet
97Kb / 2P
   Dual Junction Drop-In Circulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com