Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OX-4010-DEP-108 Datasheet (PDF) - Vectron International, Inc

OX-4010-DEP-108 Datasheet PDF - Vectron International, Inc
Part # OX-4010-DEP-108
Download  OX-4010-DEP-108 Download

File Size   203.84 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Oven Controlled Crystal Oscillator

OX-4010-DEP-108 Datasheet (PDF)

Go To PDF Page Download Datasheet
OX-4010-DEP-108 Datasheet PDF - Vectron International, Inc

Part # OX-4010-DEP-108
Download  OX-4010-DEP-108 Click to download

File Size   203.84 Kbytes
Page   5 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Oven Controlled Crystal Oscillator

OX-4010-DEP-108 Datasheet (HTML) - Vectron International, Inc

OX-4010-DEP-108 Datasheet HTML 1Page - Vectron International, Inc OX-4010-DEP-108 Datasheet HTML 2Page - Vectron International, Inc OX-4010-DEP-108 Datasheet HTML 3Page - Vectron International, Inc OX-4010-DEP-108 Datasheet HTML 4Page - Vectron International, Inc OX-4010-DEP-108 Datasheet HTML 5Page - Vectron International, Inc

OX-4010-DEP-108 Product details

Features

4-Pin Dip

Fast warm-up

TCXO replacement for better short term stability

Frequency Range, 10 MHz to 160 MHz

Standard frequencies, 20 MHz (SC); 13 MHz (AT)



Applications

Base stations

Test equipment

Synthesizers

Military communication equipment




Similar Part No. - OX-4010-DEP-108

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-401 VECTRON-OX-401 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-401-9015-98M304 VECTRON-OX-401-9015-98M304 Datasheet
1Mb / 9P
   OCXO
OX-4011-EAE-2580-20M00 VECTRON-OX-4011-EAE-2580-20M00 Datasheet
239Kb / 4P
   OCXO
More results


Similar Description - OX-4010-DEP-108

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
DX-040 VECTRON-DX-040_12 Datasheet
347Kb / 4P
   Oven Controlled Crystal Oscillator
logo
Vanlong Technology Co.,...
CO600 VANLONG-CO600_13 Datasheet
43Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Abracon Corporation
AOCJY1 ABRACON-AOCJY1 Datasheet
2Mb / 3P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
05.18.11
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-2800-BAE-108 VECTRON-OX-2800-BAE-108 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
OX-405 VECTRON-OX-405_12 Datasheet
752Kb / 5P
   Oven Controlled Crystal Oscillator
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-412 SYNERGY-OXO100-1-412 Datasheet
892Kb / 2P
   OVEN CONTROLLED CRYSTAL OSCILLATOR
logo
Microsemi Corporation
OX-501 MICROSEMI-OX-501 Datasheet
440Kb / 4P
   Oven Controlled Crystal Oscillator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com