Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

127141N Datasheet (PDF) - OSA Opto Light GmbH

127141N Datasheet PDF - OSA Opto Light GmbH
Part # 127141N
Download  127141N Download

File Size   52.9 Kbytes
Page   1 Pages
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH
Description GaAlAs / GaAlAs Chips (substrate removed)

127141N Datasheet (PDF)

Go To PDF Page Download Datasheet
127141N Datasheet PDF - OSA Opto Light GmbH

Part # 127141N
Download  127141N Click to download

File Size   52.9 Kbytes
Page   1 Pages
Manufacturer  OSA [OSA Opto Light GmbH]
Direct Link  http://www.osa-opto.com
Logo OSA - OSA Opto Light GmbH
Description GaAlAs / GaAlAs Chips (substrate removed)

127141N Datasheet (HTML) - OSA Opto Light GmbH

127141N Datasheet HTML 1Page - OSA Opto Light GmbH



Similar Part No. - 127141N

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
127141 OSA-127141 Datasheet
52Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
127141D OSA-127141D Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
127141H OSA-127141H Datasheet
52Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
127141L OSA-127141L Datasheet
52Kb / 1P
   GaAlAs / GaAlAs LED Chips (substrate removed)
More results


Similar Description - 127141N

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
133154 OSA-133154 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
137141 OSA-137141 Datasheet
52Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
126164 OSA-126164 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
135144 OSA-135144 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
136144 OSA-136144 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
126284 OSA-126284 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
128254 OSA-128254 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
133254 OSA-133254 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
136274 OSA-136274 Datasheet
54Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
137141H OSA-137141H Datasheet
53Kb / 1P
   GaAlAs / GaAlAs Chips (substrate removed)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com