Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4362A Datasheet (PDF) - Cirrus Logic

CS4362A Datasheet PDF - Cirrus Logic
Part # CS4362A_09
Download  CS4362A Download
File Size   1011.54 Kbytes
Page   50 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 114 dB, 192 kHz 6-Channel D/A Converter

CS4362A Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4362A Datasheet PDF - Cirrus Logic

Part # CS4362A_09
Download  CS4362A Click to download

File Size   1011.54 Kbytes
Page   50 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 114 dB, 192 kHz 6-Channel D/A Converter

CS4362A Datasheet (HTML) - Cirrus Logic


CS4362A Product details

Description
The CS4362A is a complete 6-channel digital-to-analog system. This D/A system includes digital de-emphasis, 1 dB step size volume control, ATAPI channel mixing, selectable fast and slow digital interpolation filters followed by an oversampled, multi-bit delta-sigma modulator which includes mismatch shaping technology that eliminates distortion due to capacitor mismatch. Following this stage is a multi-element switched capacitor stage and low-pass filter with differential analog outputs.
The CS4362A also has a proprietary DSD processor which allows for 50 kHz on-chip filtering without an intermediate decimation stage. The CS4362A is available in a 48-pin LQFP package in both Commercial (-40°C to +85°C) and Automotive grades (-40°C to +105°C). The CDB4362A Customer Demonstration board is also available for device evaluation and implementation suggestions. Please see “Ordering Information” on page 48 for complete details.
The CS4362A accepts PCM data at sample rates from 4 kHz to 216 kHz, DSD audio data, and delivers excellent sound quality. These features are ideal for multi channel audio systems including SACD players, A/V receivers, digital TV’s, mixing consoles, effects processors, sound cards, and automotive audio systems.

Features
◆ Advanced Multi-bit Delta Sigma Architecture
◆ 24-bit Conversion
◆ Up to 192 kHz Sample Rates
◆ 114 dB Dynamic Range
◆ -100 dB THD+N
◆ Direct Stream Digital® (DSD™) Mode
◆ On-chip 50 kHz Filter
◆ Matched PCM and DSD Analog Output Levels
◆ Selectable Digital Filters
◆ Volume Control with 1 dB Step Size and Soft Ramp
◆ Low Clock-jitter Sensitivity
◆ +5 V Analog Supply, +2.5 V Digital Supply
◆ Separate 1.8 to 5 V Logic Supplies for the
   Control & Serial Ports




Similar Part No. - CS4362A_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
More results


Similar Description - CS4362A_09

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
114 dB, 192 kHz, 6-Channel A/D Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com