Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24B12T200BL2 Datasheet (PDF) - Vicor Corporation

V24B12T200BL2 Datasheet PDF - Vicor Corporation
Part # V24B12T200BL2
Download  V24B12T200BL2 Download

File Size   575.06 Kbytes
Page   13 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 24V Input Mini Family DC-DC Converter Module

V24B12T200BL2 Datasheet (PDF)

Go To PDF Page Download Datasheet
V24B12T200BL2 Datasheet PDF - Vicor Corporation

Part # V24B12T200BL2
Download  V24B12T200BL2 Click to download

File Size   575.06 Kbytes
Page   13 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 24V Input Mini Family DC-DC Converter Module

V24B12T200BL2 Datasheet (HTML) - Vicor Corporation

Back Button V24B12T200BL2 Datasheet HTML 1Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 2Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 3Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 4Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 5Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 6Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 7Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 8Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 9Page - Vicor Corporation V24B12T200BL2 Datasheet HTML 10Page - Vicor Corporation Next Button 

V24B12T200BL2 Product details

Product Overview
These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effectiveness of a mature power component.
High frequency ZCS/ZVS switching provides high power density with low noise and high effciency.

Features & Benefts
• DC input range: 18 – 36V
• Isolated output
• Operation to 16V at 75% power
   after startup
• Input surge withstand: 50V for 100ms
• DC output: 3.3 – 48V
• Programmable output: 10 to 110%
• Regulation: ±0.5% no load to full load
• Effciency: Up to 89%
• Maximum operating temp: 100°C, full load
• Power density: up to 80 W per cubic inch
• Height above board: 0.43in. (10,9mm)
• Parallelable, with N+M fault tolerance
• Low noise ZCS/ZVS architecture
• RoHS Compliant (with F or G pin option)

Applications
   Industrial and process control, distributed power, medical, ATE, communications,
   defense, and aerospace.




Similar Part No. - V24B12T200BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
851Kb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
More results


Similar Description - V24B12T200BL2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2 Datasheet
588Kb / 13P
   300V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com