Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH3-050 Datasheet (PDF) - PREMO CORPORATION S.L

CH3-050 Datasheet PDF - PREMO CORPORATION S.L
Part # CH3-050
Download  CH3-050 Download

File Size   220.22 Kbytes
Page   2 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description SMPS High Isolation (2500V min) Current Transformer

CH3-050 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH3-050 Datasheet PDF - PREMO CORPORATION S.L

Part # CH3-050
Download  CH3-050 Click to download

File Size   220.22 Kbytes
Page   2 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description SMPS High Isolation (2500V min) Current Transformer

CH3-050 Datasheet (HTML) - PREMO CORPORATION S.L

CH3-050 Datasheet HTML 1Page - PREMO CORPORATION S.L CH3-050 Datasheet HTML 2Page - PREMO CORPORATION S.L



Similar Part No. - CH3-050

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CH301H-40PT CHENMKO-CH301H-40PT Datasheet
240Kb / 2P
   SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.12 Ampere
logo
Eaton All Rights Reserv...
CH30J3 EATON-CH30J3 Datasheet
164Kb / 1P
   Fuse-holder, low voltage, 30 A, AC 600 V, DC 600 V, UL Class J, 98 x 72 x 117 mm, 3P, UL, CSA
logo
Cvilux Corporation
CH31021M1-00-NH CVILUX-CH31021M1-00-NH Datasheet
162Kb / 2P
   9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
CH31021M1-0P-NH CVILUX-CH31021M1-0P-NH Datasheet
162Kb / 2P
   9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
CH31022M1-00-NH CVILUX-CH31022M1-00-NH Datasheet
162Kb / 2P
   9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
More results


Similar Description - CH3-050

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ICA-0635 ICE-ICA-0635 Datasheet
148Kb / 1P
   SMPS Transformer
logo
PREMO CORPORATION S.L
CF-050 PREMO-CF-050 Datasheet
136Kb / 1P
   PTH SMPS Current Transformer Up to 15A
CA-050X PREMO-CA-050X Datasheet
290Kb / 1P
   PTH SMPS Current Transformer Up to 15A
logo
Solid State Optronic
M212 SSOUSA-M212_15 Datasheet
296Kb / 7P
   High Input-to-Output Isolation (1.5kV MIN)
M231 SSOUSA-M231 Datasheet
291Kb / 7P
   High Input-to-Output Isolation (1500V MIN)
M201 SSOUSA-M201 Datasheet
293Kb / 7P
   High Input-to-Output Isolation (1500V MIN)
logo
Rhombus Industries Inc.
T-924 RHOMBUS-IND-T-924 Datasheet
27Kb / 1P
   High Isolation Pulse Transformer
T-925 RHOMBUS-IND-T-925 Datasheet
27Kb / 1P
   High Isolation Pulse Transformer
logo
Pulse A Technitrol Comp...
PH9363NL PULSE-PH9363NL Datasheet
371Kb / 2P
   High Isolation Power Transformer
logo
Toshiba Semiconductor
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
   Isolation voltage - 5000 Vrms (min)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com