Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T35L6432A Datasheet (PDF) - Taiwan Memory Technology

T35L6432A Datasheet PDF - Taiwan Memory Technology
Part # T35L6432A
Download  T35L6432A Download

File Size   1347.13 Kbytes
Page   15 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K x 32 SRAM?

T35L6432A Datasheet (PDF)

Go To PDF Page Download Datasheet
T35L6432A Datasheet PDF - Taiwan Memory Technology

Part # T35L6432A
Download  T35L6432A Click to download

File Size   1347.13 Kbytes
Page   15 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K x 32 SRAM?

T35L6432A Datasheet (HTML) - Taiwan Memory Technology

Back Button T35L6432A Datasheet HTML 1Page - Taiwan Memory Technology T35L6432A Datasheet HTML 2Page - Taiwan Memory Technology T35L6432A Datasheet HTML 3Page - Taiwan Memory Technology T35L6432A Datasheet HTML 4Page - Taiwan Memory Technology T35L6432A Datasheet HTML 5Page - Taiwan Memory Technology T35L6432A Datasheet HTML 6Page - Taiwan Memory Technology T35L6432A Datasheet HTML 7Page - Taiwan Memory Technology T35L6432A Datasheet HTML 8Page - Taiwan Memory Technology T35L6432A Datasheet HTML 9Page - Taiwan Memory Technology T35L6432A Datasheet HTML 10Page - Taiwan Memory Technology Next Button 

T35L6432A Product details

GENERAL DESCRIPTION

The Taiwan Memory Technology Synchronous Burst RAM family employs: high-speed, low power CMOS design using advanced triple-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high valued resistors.



FEATURES

■ Fast Access times: 4.5, 5, 6, 7, and 8ns

■ Fast clock speed: 125,100, 83, 66, and 50 MHz

■ Provide high performance 3-1-1-1 access rate

■ Fast OE access times: 4.5, 5 and 6ns

■ Single 3.3V +10%/-5% power supply

■ Common data inputs and data outputs

■ BYTE WRITE ENABLE and GLOBAL WRITE control

■ Three chip enables for depth expansion and address pipelining

■ Address, control, input, and output pipelined registers

■ Internally self-timed WRITE CYCLE

■ WRITE pass-through capability

■ Burst control pins ( interleaved or linear burst sequence)

■ High density, high speed packages

■ Low capacitive bus loading

■ High 30pF output drive capability at rated access time

■ SNOOZE MODE for reduced power standby

■ Single cycle disable ( PentiumTM BSRAM compatible )



 




Similar Part No. - T35L6432A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432B-10Q TMT-T35L6432B-10Q Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432B-12T TMT-T35L6432B-12T Datasheet
162Kb / 16P
   64K x 32 SRAM???
More results


Similar Description - T35L6432A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
   64K x 32 Flow Through Sync. SRAM
logo
GSI Technology
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com