Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T221160A Datasheet (PDF) - Taiwan Memory Technology

T221160A Datasheet PDF - Taiwan Memory Technology
Part # T221160A
Download  T221160A Download

File Size   134.51 Kbytes
Page   14 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K x 16 DYNAMIC RAM FAST PAGE MODE

T221160A Datasheet (PDF)

Go To PDF Page Download Datasheet
T221160A Datasheet PDF - Taiwan Memory Technology

Part # T221160A
Download  T221160A Click to download

File Size   134.51 Kbytes
Page   14 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K x 16 DYNAMIC RAM FAST PAGE MODE

T221160A Datasheet (HTML) - Taiwan Memory Technology

Back Button T221160A Datasheet HTML 1Page - Taiwan Memory Technology T221160A Datasheet HTML 2Page - Taiwan Memory Technology T221160A Datasheet HTML 3Page - Taiwan Memory Technology T221160A Datasheet HTML 4Page - Taiwan Memory Technology T221160A Datasheet HTML 5Page - Taiwan Memory Technology T221160A Datasheet HTML 6Page - Taiwan Memory Technology T221160A Datasheet HTML 7Page - Taiwan Memory Technology T221160A Datasheet HTML 8Page - Taiwan Memory Technology T221160A Datasheet HTML 9Page - Taiwan Memory Technology T221160A Datasheet HTML 10Page - Taiwan Memory Technology Next Button 

T221160A Product details

GENERAL DESCRIPTION
The T221160A is a randomly accessed solid state memory containing 1,048,551 bits organized in a x16 configuration. The T221160A has both BYTE WRITE and WORD WRITE access cycles via two
CAS pins. It offers Fast Page mode operation

FEATURES
• High speed access time : 25/30/35/40 ns
• Industry-standard x 16 pinouts and timing functions.
• Single 5V (±10%) power supply.
• All device pins are TTL- compatible.
• 256-cycle refresh in 4ms.
• Refresh modes: RAS only, CAS BEFORE RAS (CBR) and HIDDEN.
• Conventional FAST PAGE MODE access cycle.
• BYTE WRITE and BYTE READ access cycles.




Similar Part No. - T221160A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T221102 E-SWITCH-T221102 Datasheet
35Kb / 1P
   All Dimension In MM
logo
ZIEHL industrie-elektro...
T221120 ZIEHL-T221120 Datasheet
237Kb / 1P
   PTC-Resistor-Relay Type MS40ZT for Elevators
More results


Similar Description - T221160A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T2316160A TMT-T2316160A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com