Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T14L256A Datasheet (PDF) - Taiwan Memory Technology

T14L256A Datasheet PDF - Taiwan Memory Technology
Part No. T14L256A
Download  T14L256A Click to view

File Size   72.61 Kbytes
Page   9 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 32K X 8 HIGH SPEED CMOS STATIC RAM?

T14L256A Datasheet (PDF)

Go To PDF Page Download Datasheet
T14L256A Datasheet PDF - Taiwan Memory Technology

Part No. T14L256A
Download  T14L256A Click to view

File Size   72.61 Kbytes
Page   9 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 32K X 8 HIGH SPEED CMOS STATIC RAM?

T14L256A Datasheet (HTML) - Taiwan Memory Technology

T14L256A Datasheet HTML 1Page - Taiwan Memory Technology T14L256A Datasheet HTML 2Page - Taiwan Memory Technology T14L256A Datasheet HTML 3Page - Taiwan Memory Technology T14L256A Datasheet HTML 4Page - Taiwan Memory Technology T14L256A Datasheet HTML 5Page - Taiwan Memory Technology T14L256A Datasheet HTML 6Page - Taiwan Memory Technology T14L256A Datasheet HTML 7Page - Taiwan Memory Technology T14L256A Datasheet HTML 8Page - Taiwan Memory Technology T14L256A Datasheet HTML 9Page - Taiwan Memory Technology

T14L256A Product details

GENERAL DESCRIPTION
The T14L256A is a high speed, low power CMOS static RAM organized as 32,768 x 8 bits that operates on a single 3.3-volt power supply. This device is packaged in a standard 28-pin 300 mil SOJ or TSOP-I forward.

FEATURES
• High speed access time: 8/10/12/15ns(max.)
• Low power consumption : Active 300 mW (typ.)
• Single + 3.3 power supply
• Fully static operation – No clock or refreshing required
• All inputs and outputs directly LVTTL compatible
• Common I/O capability
• Available packages :28-pin 300 mil, SOJ and TSOP-I (forward type).
• Output enable (OE ) available for very fast access



Similar Part No. - T14L256A

ManufacturerPart No.DatasheetDescription
Taiwan Memory Technology
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
68Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
T14L256A TMT-T14L256A_03 Datasheet
68Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - T14L256A

ManufacturerPart No.DatasheetDescription
Pyramid Semiconductor Corporation
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
Mosel Vitelic, Corp
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
Winbond
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
List of Unclassifed Manufacturers
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
Taiwan Memory Technology
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL_06 Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
Winbond
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com