Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL24021 Datasheet (PDF) - Intersil Corporation

ISL24021 Datasheet PDF - Intersil Corporation
Part # ISL24021
Download  ISL24021 Download

File Size   333.55 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A Rail-to-Rail Input-Output Operational Amplifier

ISL24021 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL24021 Datasheet PDF - Intersil Corporation

Part # ISL24021
Download  ISL24021 Click to download

File Size   333.55 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A Rail-to-Rail Input-Output Operational Amplifier

ISL24021 Datasheet (HTML) - Intersil Corporation

Back Button ISL24021 Datasheet HTML 1Page - Intersil Corporation ISL24021 Datasheet HTML 2Page - Intersil Corporation ISL24021 Datasheet HTML 3Page - Intersil Corporation ISL24021 Datasheet HTML 4Page - Intersil Corporation ISL24021 Datasheet HTML 5Page - Intersil Corporation ISL24021 Datasheet HTML 6Page - Intersil Corporation ISL24021 Datasheet HTML 7Page - Intersil Corporation ISL24021 Datasheet HTML 8Page - Intersil Corporation ISL24021 Datasheet HTML 9Page - Intersil Corporation ISL24021 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL24021 Product details

1A Rail-to-Rail Input-Output Operational Amplifier

The ISL24021 is a high output current, high voltage, rail-to-rail voltage feedback amplifier. The ISL24021 is capable of ±1A peak output short circuit current. The amplifier exhibits beyond the rail input capability, rail-to-rail output capability and is unity gain stable.

Features
• ±1A Output Short Circuit Current
• 4.5V to 19V Maximum Supply Voltage Range
• 2.0mA Supply Current
• 18V/µs Slew Rate
• 25MHz -3dB Bandwidth
• ±300mA Continuous Output Current
• Unity-Gain Stable
• Beyond the Rails Input Capability
• Rail-to-Rail Output Swing
• Built-in Thermal Protection
• -40°C to +85°C Ambient Temperature Range
• Pb-Free (RoHS Compliant)

Applications
• TFT-LCD Panels
• VCOM Driver
• Video Processing
• Audio Processing
• Active Filters
• Test Equipment
• Battery-Powered Applications
• Portable Equipment




Similar Part No. - ISL24021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
ISL24021 INTERSIL-ISL24021 Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
ISL24021IRT065Z-T13 INTERSIL-ISL24021IRT065Z-T13 Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021IRT065Z-T13 RENESAS-ISL24021IRT065Z-T13 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
More results


Similar Description - ISL24021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24021IRT065Z-T7A INTERSIL-ISL24021IRT065Z-T7A Datasheet
606Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
October 18, 2011
logo
Renesas Technology Corp
ISL24021 RENESAS-ISL24021 Datasheet
704Kb / 13P
   1A Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
Intersil Corporation
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com