Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA75525AVA Datasheet (PDF) - Sanyo Semicon Device

LA75525AVA Datasheet PDF - Sanyo Semicon Device
Part No. LA75525AVA
Download  LA75525AVA Click to view

File Size   177.14 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VIF/SIF Signal-Processing IC

LA75525AVA Datasheet (PDF)

Go To PDF Page Download Datasheet
LA75525AVA Datasheet PDF - Sanyo Semicon Device

Part No. LA75525AVA
Download  LA75525AVA Click to view

File Size   177.14 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VIF/SIF Signal-Processing IC

LA75525AVA Datasheet (HTML) - Sanyo Semicon Device

LA75525AVA Datasheet HTML 1Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 2Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 3Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 4Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 5Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 6Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 7Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 8Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 9Page - Sanyo Semicon Device LA75525AVA Datasheet HTML 10Page - Sanyo Semicon Device

LA75525AVA Product details

Overview
The LA75525AVA is a completely adjustment-free NTSC VIF/SIF signal-processing IC for TV sets and VCRs. It supports IF frequencies of 45.75MHz. It integrates an automatic adjustment circuit for the VCO, an AFT circuit, and an audio carrier trap circuit on the same chip and requires the input of either a 4MHz or 3.58MHz reference signal.

Functions
• VIF block: VIF amplifier, buzz canceller, IF-VCO, PLL detector, IF-AGC, RF-AGC, digital AFT, equalizer amplifier
• 1stSIF block: 1stSIF amplifier,1stSIF detector
• SIF block: Limiter amplifier, PLL FM detector
• Others: reference frequency changeover SW, AFT mute voltage SW



Similar Part No. - LA75525AVA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
More results

Similar Description - LA75525AVA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
Rohm
Rohm
BA7356 ROHM-BA7356 Datasheet
197Kb / 9P
   VIF/SIF SIGNAL PROCESSOR
BA7357S ROHM-BA7357S Datasheet
178Kb / 15P
   VIF / SIF signal processor
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz