Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01FA Datasheet (PDF) - Sanyo Semicon Device

55GN01FA Datasheet PDF - Sanyo Semicon Device
Part # 55GN01FA
Download  55GN01FA Download
File Size   59.0 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF Wide-band Low-noise Amplifier Applications

55GN01FA Datasheet (PDF)

Go To PDF Page Download Datasheet
55GN01FA Datasheet PDF - Sanyo Semicon Device

Part # 55GN01FA
Download  55GN01FA Click to download

File Size   59.0 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description UHF Wide-band Low-noise Amplifier Applications

55GN01FA Datasheet (HTML) - Sanyo Semicon Device


55GN01FA Product details

UHF Wide-band Low-noise Amplifier Applications

Features
• High cut-off frequency : fT=5.5GHz typ
• High gain : ⏐S21e⏐2=11dB typ (f=1GHz)
                                  =19dB typ (f=400MHz)
• Ultrasmall package permitting applied sets to be small and slim
• Halogen free compliance




Similar Part No. - 55GN01FA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01FA SANYO-55GN01FA Datasheet
513Kb / 9P
UHF Wide-band Low-noise Amplifier Applications
logo
ON Semiconductor
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
logo
Sanyo Semicon Device
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
UHF Wide-band Low-noise Amplifier Applications
More results


Similar Description - 55GN01FA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01S SANYO-55GN01S Datasheet
31Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01C SANYO-55GN01C Datasheet
46Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
2SC4405 SANYO-2SC4405 Datasheet
100Kb / 4P
UHF Low-Noise, Wide-Band Amplifier Applications???????
55GN01FA SANYO-55GN01FA_12 Datasheet
513Kb / 9P
UHF Wide-band Low-noise Amplifier Applications
55GN01MA SANYO-55GN01MA_12 Datasheet
418Kb / 8P
UHF Wide-band Low-noise Amplifier Applications
55GN01M SANYO-55GN01M Datasheet
29Kb / 5P
UHF Wide-band Low-noise Amplifier Applications
55GN01NA SANYO-55GN01NA Datasheet
56Kb / 6P
UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA_12 Datasheet
404Kb / 8P
UHF Wide-band Low-noise Amplifier Applications
2SC5489 SANYO-2SC5489 Datasheet
31Kb / 3P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02C SANYO-EC3H02C Datasheet
26Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com