Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR190PT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

SR190PT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # SR190PT
Download  SR190PT Download

File Size   71.08 Kbytes
Page   2 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description SCHOTTKY BARRIER RECTIFIER

SR190PT Datasheet (PDF)

Go To PDF Page Download Datasheet
SR190PT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # SR190PT
Download  SR190PT Click to download

File Size   71.08 Kbytes
Page   2 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description SCHOTTKY BARRIER RECTIFIER

SR190PT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.

SR190PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SR190PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.

SR190PT Product details

VOLTAGE RANGE 70 - 100 Volts CURRENT 1.0 Ampere

FEATURES
* Plastic package has Underwriters Laboratory
   Flammability Classification 94V-0
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High reliability
* High surge capability
* High temperature soldering guaranteed :
   260°C/10 seconds , 0.375" (9.5mm) lead length,
   5lbs. (2.3kg) tension




Similar Part No. - SR190PT

ManufacturerPart #DatasheetDescription
logo
Changzhou Shunye Electr...
SR190 SY-SR190 Datasheet
238Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
First Components Intern...
SR190 FCI-SR190 Datasheet
7Mb / 2P
   High surge current capability High current capability Low forward voltage drop
logo
Shunye Enterprise
SR190 SHUNYE-SR190 Datasheet
233Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SR190 CHENDA-SR190 Datasheet
587Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SR190 YFWDIODE-SR190 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
More results


Similar Description - SR190PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com