![]() |
Electronic Components Datasheet Search |
|
MMSZ5245BPT Datasheet (PDF) - Chenmko Enterprise Co. Ltd. |
MMSZ5245BPT Datasheet (HTML) - Chenmko Enterprise Co. Ltd. |
MMSZ5245BPT Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | MMSZ5245BPT |
Download | MMSZ5245BPT Click to view |
File Size | 130.83 Kbytes |
Page | 5 Pages |
Maker | CHENMKO [Chenmko Enterprise Co. Ltd.] |
Homepage | http://www.chenmko.com |
Logo | |
Description | SILICON PLANAR POWER ZENER DIODES |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
BZX79C2V7PT | SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V | 1 2 3 | Chenmko Enterprise Co. Ltd. |
BZX85C2V7PT | SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V | 1 2 3 4 | Chenmko Enterprise Co. Ltd. |
CHPZ3V6PT | SILICON PLANAR POWER ZENER DIODES | 1 2 3 | Chenmko Enterprise Co. Ltd. |
RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
MMCZ5221BPT | SILICON PLANAR POWER ZENER DIODES | 1 2 3 4 5 | Chenmko Enterprise Co. Ltd. |
MMCZ5221SPT | SILICON PLANAR POWER ZENER DIODES | 1 2 3 4 5 | Chenmko Enterprise Co. Ltd. |
MMGZ5221BPT | SILICON PLANAR POWER ZENER DIODES | 1 2 3 4 5 | Chenmko Enterprise Co. Ltd. |
MMGZ5221SPT | SILICON PLANAR POWER ZENER DIODES | 1 2 3 4 5 | Chenmko Enterprise Co. Ltd. |
MMHZ5221BPT | SILICON PLANAR POWER ZENER DIODES | 1 2 3 4 5 | Chenmko Enterprise Co. Ltd. |
Datasheet Page |
1 2 3 4 5 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |