Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP-4769HT-01-1001GC Datasheet (PDF) - IRC - a TT electronics Company.

SIP-4769HT-01-1001GC Datasheet PDF - IRC - a TT electronics Company.
Part # SIP-4769HT-01-1001GC
Download  SIP-4769HT-01-1001GC Download

File Size   526.34 Kbytes
Page   3 Pages
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.
Description TaNFilm짰 High Temperature DIP and SIP Networks

SIP-4769HT-01-1001GC Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP-4769HT-01-1001GC Datasheet PDF - IRC - a TT electronics Company.

Part # SIP-4769HT-01-1001GC
Download  SIP-4769HT-01-1001GC Click to download

File Size   526.34 Kbytes
Page   3 Pages
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.
Description TaNFilm짰 High Temperature DIP and SIP Networks

SIP-4769HT-01-1001GC Datasheet (HTML) - IRC - a TT electronics Company.

SIP-4769HT-01-1001GC Datasheet HTML 1Page - IRC - a TT electronics Company. SIP-4769HT-01-1001GC Datasheet HTML 2Page - IRC - a TT electronics Company. SIP-4769HT-01-1001GC Datasheet HTML 3Page - IRC - a TT electronics Company.

SIP-4769HT-01-1001GC Product details

TaNFilm® High Temperature DIP and SIP Networks

The IRC 1900HT and 4700HT Series is the ultimate combination of precision performance, reliability, and long term stability in a low profile, TaNFilm® DIP and SIP packages. The rugged welded lead construction combined with the inherent passivation characteristics of tantalum nitride film insure superior continuous performance in high temperature applications over the installed life of the part.

1900HT / 4700HT SERIES
• Inherent reliability
• Custom configurations available
• Bonded leads not susceptible to solder reflow problems
• Absolute tolerence to ±0.1% - ratio accuracy to ±0.05%
• Absolute TCR to ±25 ppm/°C - ratio tracking to ±5ppm/°C




Similar Part No. - SIP-4769HT-01-1001GC

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SIP-4769-01-1001DB IRCTT-SIP-4769-01-1001DB Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
SIP-4769-01-1001DC IRCTT-SIP-4769-01-1001DC Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
SIP-4769-01-1001DD IRCTT-SIP-4769-01-1001DD Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
SIP-4769-01-1001DF IRCTT-SIP-4769-01-1001DF Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
SIP-4769-01-1001FB IRCTT-SIP-4769-01-1001FB Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
More results


Similar Description - SIP-4769HT-01-1001GC

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
4700 IRCTT-4700 Datasheet
312Kb / 4P
   TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
8900 IRCTT-8900 Datasheet
260Kb / 4P
   TaNFilm짰 Precision Flat Pack Networks
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
   SIP NETWORKS
DAN401 NJSEMI-DAN401 Datasheet
30Kb / 1P
   SIP NETWORKS
logo
IRC - a TT electronics ...
1900 IRCTT-1900 Datasheet
489Kb / 3P
   TaNFilm짰 Precision DIP Network Commercial and MIL Qualified
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
   High Temperature TaNFilm짰 Chip Resistors
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
   DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
   THICK FILM SIP NETWORKS
logo
Vishay Siliconix
TCN VISHAY-TCN Datasheet
93Kb / 2P
   Capacitors Networks, Coated SIP
Revision: 17-Mar-08
MCN VISHAY-MCN Datasheet
89Kb / 2P
   Capacitor Networks, Molded SIP
Revision: 17-Mar-08
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com