Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHT3946UPNPT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

CHT3946UPNPT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # CHT3946UPNPT
Download  CHT3946UPNPT Download
File Size   155.59 Kbytes
Page   5 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description Complementary Small Signal Transistor

CHT3946UPNPT Datasheet (PDF)

Go To PDF Page Download Datasheet
CHT3946UPNPT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # CHT3946UPNPT
Download  CHT3946UPNPT Click to download

File Size   155.59 Kbytes
Page   5 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description Complementary Small Signal Transistor

CHT3946UPNPT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.


CHT3946UPNPT Product details

VOLTAGE 40 Volts CURRENT 0.2 Ampere

FEATURE
* Small surface mounting type. (SC-88/SOT363)
* Low current (Max.=200mA).
* Suitable for high packing density.
* Low voltage (Max.=40V) .
* High saturation current capability.
* Voltage controlled small signal switch.

APPLICATION
* Telephony and proferssional communction equipment.
* Other switching applications.




Similar Part No. - CHT3946UPNPT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHT3946UPNPT ETC1-CHT3946UPNPT Datasheet
197Kb / 5P
SURFACE MOUNT Complementary Small Signal Transistor (VOLTAGE 40 Volts CURRENT 0.2 Ampere)
More results


Similar Description - CHT3946UPNPT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847PN DIODES-BC847PN_08 Datasheet
94Kb / 4P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2 November 2008
DST847BPDP6 DIODES-DST847BPDP6_15 Datasheet
400Kb / 9P
45V COMPLEMENTARY SMALL SIGNAL TRANSISTOR IN SOT963
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
BC847PN DIODES-BC847PN_15 Datasheet
234Kb / 6P
COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
logo
Central Semiconductor C...
CMKT3946 CENTRAL-CMKT3946_15 Datasheet
387Kb / 2P
COMPLEMENTARY SMALL SIGNAL SWITCHING TRANSISTOR
logo
Diodes Incorporated
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
BC847PN DIODES-BC847PN_16 Datasheet
458Kb / 6P
COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
BC847BVNQ DIODES-BC847BVNQ Datasheet
396Kb / 6P
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
February 2021 Rev. 1 - 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com