Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA158 Datasheet (PDF) - SynSemi, Inc.

BA158 Datasheet PDF - SynSemi, Inc.
Part # BA158
Download  BA158 Download

File Size   39.52 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description FAST RECOVERY RECTIFIER DIODES

BA158 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA158 Datasheet PDF - SynSemi, Inc.

Part # BA158
Download  BA158 Click to download

File Size   39.52 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description FAST RECOVERY RECTIFIER DIODES

BA158 Datasheet (HTML) - SynSemi, Inc.

BA158 Datasheet HTML 1Page - SynSemi, Inc. BA158 Datasheet HTML 2Page - SynSemi, Inc.

BA158 Product details

PRV : 400 - 1000 Volts

Io : 1.0 Ampere



FEATURES :

* High current capability

* High surge current capability

* High reliability

* Low reverse current

* Low forward voltage drop

* Fast switching for high efficiency



MECHANICAL DATA :

* Case : DO-41 Molded plastic

* Epoxy : UL94V-O rate flame retardant

* Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed

* Polarity : Color band denotes cathode end

* Mounting position : Any

* Weight : 0.34 gram

* Pb / RoHS Free




Similar Part No. - BA158

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
BA158 DACHANG-BA158 Datasheet
125Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Pan Jit International I...
BA158 PANJIT-BA158 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Leshan Radio Company
BA158 LRC-BA158 Datasheet
352Kb / 3P
   Fast Switching Plastic Rectifiers Reverse Voltage 400 to 1000V Forward Current 1.0A
logo
Semikron International
BA158 SEMIKRON-BA158 Datasheet
138Kb / 2P
   Fast silicon rectifier diodes
logo
Nanjing International G...
BA158 DGNJDZ-BA158 Datasheet
263Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results


Similar Description - BA158

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com