Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2204 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2204 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2204
Download  AP2204 Download

File Size   377.99 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR

AP2204 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2204 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2204
Download  AP2204 Click to download

File Size   377.99 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR

AP2204 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

AP2204 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2204 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited

AP2204 Product details

Description

AP2204 series are positive voltage regulator IC fabricated by high voltage EPNP process.

The AP2204 has features of wide input voltage range and high accurcay, high ripple rejection, low droput voltage, low noise, current limit and ultra-low quiescent current which make them ideal for use in various USB and portable device.

The IC consists of a voltage reference, an error amplifier, a resistor network for setting output voltage, a current limit circuit for current protection, and a chip enable circuit.

AP2204 has adjustable, 1.8V, 3.3V, 5.0V fixed voltage versions.



Features

· Wide Input Voltage Range: 2.3V to 24V

· Wide Output Voltage Range: 1.24V to 22V

· Excellent Ripple Rejetion: 60dB@ f=1kHz

· Low Dropout Voltage: VDROP=50mV@ IOUT=100µA

· Low Ground Current

· High Output Voltage Accuracy

· Compatible with Low ESR Ceramic Capacitor

· Excellent Line/Load Regulation

· Thermal Shtdown Function



Applications

· Battery-powered Equipment

· Laptop, Palmtops, Notebook Computers

· Portable Information Appliancess



 




Similar Part No. - AP2204

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204K-1.5TRG1 BCDSEMI-AP2204K-1.5TRG1 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204K-1.8TRG1 BCDSEMI-AP2204K-1.8TRG1 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204K-2.5TRG1 BCDSEMI-AP2204K-2.5TRG1 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204K-2.8TRG1 BCDSEMI-AP2204K-2.8TRG1 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204K-3.0TRG1 BCDSEMI-AP2204K-3.0TRG1 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
More results


Similar Description - AP2204

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
   WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com