Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19279-0001 Datasheet (PDF) - Molex Electronics Ltd.

19279-0001 Datasheet PDF - Molex Electronics Ltd.
Part # 19279-0001
Download  19279-0001 Download

File Size   68.18 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description AT-heads, 8-26 AWG

19279-0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
19279-0001 Datasheet PDF - Molex Electronics Ltd.

Part # 19279-0001
Download  19279-0001 Click to download

File Size   68.18 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description AT-heads, 8-26 AWG

19279-0001 Datasheet (HTML) - Molex Electronics Ltd.

19279-0001 Datasheet HTML 1Page - Molex Electronics Ltd.



Similar Part No. - 19279-0001

ManufacturerPart #DatasheetDescription
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
   2 PIECE RACK CONVERSION KIT
logo
Festo Corporation.
19270 FESTO-19270 Datasheet
89Kb / 2P
   ISO cylinder
logo
Molex Electronics Ltd.
192700008 MOLEX4-192700008 Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 10.16mm (.400
192700018 MOLEX4-192700018 Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 19.05mm (.750") Inside Diameter (AsSupplied), Black, 1.22m
192700023 MOLEX4-192700023 Datasheet
91Kb / 2P
   Perma-Fit??Heavy Wall Battery Cable Tubing, 19.05mm (.750") Inside DiameterAsSuppliedRed1.22m (4.0
More results


Similar Description - 19279-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638160900 MOLEX-0638160900 Datasheet
30Kb / 1P
   Power Crimp Adapter for Type AT Air Crimp Heads
11/02/2021
0797580014 MOLEX9-0797580014 Datasheet
156Kb / 2P
   PicoBlade 26 AWG,UL1061,300MM
0797580006 MOLEX9-0797580006 Datasheet
156Kb / 2P
   PicoBlade 26 AWG,UL1061,150MM
0082268808 MOLEX1-0082268808 Datasheet
34Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 26 AWG (7 x 26) Stranded, Topcoat, 8 circuits
0082265708 MOLEX1-0082265708_17 Datasheet
26Kb / 1P
   2.54mm Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 8 Circuits
logo
AVX Corporation
00-9175 AVX-00-9175 Datasheet
1Mb / 7P
   Standard 26-28 AWG: WTB
logo
List of Unclassifed Man...
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
   26 AWG, 50 Ohm Coax
logo
FCI connector
76624-001LF FCI-CONNECTOR-76624-001LF Datasheet
89Kb / 1P
   RELIMATE TERMINAL (AWG#22-#26)
logo
Molex Electronics Ltd.
0082265708 MOLEX3-0082265708 Datasheet
225Kb / 4P
   2.54mm (.100") Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 8 Circuits
logo
TT Electronics.
DS3118 TTELEC-DS3118 Datasheet
282Kb / 1P
   Thermocouple Terminal Heads
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com