![]() |
Electronic Components Datasheet Search |
|
PSA-1515U Datasheet (PDF) - Phihong USA Inc. |
PSA-1515U Datasheet (HTML) - Phihong USA Inc. |
PSA-1515U Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | PSA-1515U |
Download | PSA-1515U Click to view |
File Size | 82.82 Kbytes |
Page | 2 Pages |
Maker | PHIHONG [Phihong USA Inc.] |
Homepage | http://www.phihongusa.com |
Logo | |
Description | Single Output U-Channel |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
DR-120 | 120W Single Output Industrial DIN RAIL Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
ES25E | 20~25WAC-DC Single Output Wall-mounted type | 1 2 | Mean Well Enterprises Co., Ltd. |
GS25B | 20~25WAC-DC Single Output Desktop | 1 2 | Mean Well Enterprises Co., Ltd. |
LPS-50 | 50W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
NES-35 | 35W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
NSD15-S | 15W DC-DC Regulated Single Output | 1 2 | Mean Well Enterprises Co., Ltd. |
PLC-100 | 100W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
PS-35 | 35W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
RS-50 | 50W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
S-60 | 60W Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
Datasheet Page |
1 2 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |