Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR1P5-12D15 Datasheet (PDF) - Power Mate Technology Co., LTD

DR1P5-12D15 Datasheet PDF - Power Mate Technology Co., LTD
Part # DR1P5-12D15
Download  DR1P5-12D15 Download

File Size   212.22 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 1.5 WATTS REGULATED OUTPUT POWER

DR1P5-12D15 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR1P5-12D15 Datasheet PDF - Power Mate Technology Co., LTD

Part # DR1P5-12D15
Download  DR1P5-12D15 Click to download

File Size   212.22 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 1.5 WATTS REGULATED OUTPUT POWER

DR1P5-12D15 Datasheet (HTML) - Power Mate Technology Co., LTD

DR1P5-12D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD DR1P5-12D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD DR1P5-12D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD

DR1P5-12D15 Product details

DESCRIPTION
The DR1P5 series offer 1.5 watts of output power from a package in an IC compatible 24 pin DIP configuration without derating to 71ºC ambient temperature and pin to pin compatible to MKC03 series. DR1P5 series have input voltage of 4.5-5.5, 10.8-13.2 and 21.6-26.4VDC.

FEATURES
• 1.5 WATTS REGULATED OUTPUT POWER
• OUTPUT CURRENT UP TO 300mA
• STANDARD 1.25 X 0.80 X 0.40 INCH
• HIGH EFFICIENCY UP TO 55%
• INPUT RANGE FROM 4.5VDC TO 5.5VDC, 10.8VDC TO 13.2VDC,
   AND 21.6VDC TO 26.4VDC
• FIVE-SIDED EMI SHIELD
• LOW OUTPUT RIPPLE & NOISE
• PI TYPE INPUT FILTER
• 500VDC ISOLATION VOLTAGE
• STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
• CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
• DESIGN MEETS UL60950-1, EN60950-1 AND IEC60950-1
• ISO9001 CERTIFIED MANUFACTURING FACILITIES
• COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC

APPLICATIONS
   Wireless Network
   Telecom/Datacom
   Industry Control System
   Measurement Equipment
   Semiconductor Equipment




Similar Part No. - DR1P5-12D15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR1P5-12D15 ETC-DR1P5-12D15 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DR1P5-12D15 ASTRODYNE-DR1P5-12D15 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
logo
RSG Electronic Componen...
DR1P5-12D15 RSG-DR1P5-12D15 Datasheet
137Kb / 2P
   All specifications are typical at nominal input, full load and 25C otherwise noted
logo
Astrodyne Corporation
DR1P5-12D15 ASTRODYNE-DR1P5-12D15 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
More results


Similar Description - DR1P5-12D15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
VKC03 RSG-VKC03 Datasheet
111Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com