Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIA1616-8P-2 Datasheet (PDF) - Excelics Semiconductor, Inc.

EIA1616-8P-2 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIA1616-8P-2
Download  EIA1616-8P-2 Download

File Size   95.7 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 16.2-16.4GHz 8-Watt Internally Matched Power FET

EIA1616-8P-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIA1616-8P-2 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIA1616-8P-2
Download  EIA1616-8P-2 Click to download

File Size   95.7 Kbytes
Page   2 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 16.2-16.4GHz 8-Watt Internally Matched Power FET

EIA1616-8P-2 Datasheet (HTML) - Excelics Semiconductor, Inc.

EIA1616-8P-2 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIA1616-8P-2 Datasheet HTML 2Page - Excelics Semiconductor, Inc.

EIA1616-8P-2 Product details

FEATURES
• 16.2– 16.4GHz Bandwidth
• Input/Output Impedance Matched to 50 Ohms
• +39.0 dBm Output Power at 1dB Compression
• 6.0 dB Min. Power Gain at 1dB Compression
• 30% Power Added Efficiency
• Non-Hermetic Metal Flange Package
• 100% Tested for DC, RF, and RTH




Similar Part No. - EIA1616-8P-2

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIA1616-8P EXCELICS-EIA1616-8P Datasheet
46Kb / 1P
   16.2-16.4GHz, 8W Internally Matched Power FET
More results


Similar Description - EIA1616-8P-2

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIA1616-4P EXCELICS-EIA1616-4P Datasheet
48Kb / 1P
   16.2-16.4GHz, 4W Internally Matched Power FET
EIA1616-8P EXCELICS-EIA1616-8P Datasheet
46Kb / 1P
   16.2-16.4GHz, 8W Internally Matched Power FET
EID1616-3 EXCELICS-EID1616-3 Datasheet
162Kb / 2P
   16.2-16.5 GHz 3-Watt Internally-Matched Power FET
EIC0910-8 EXCELICS-EIC0910-8 Datasheet
189Kb / 4P
   9.50-10.50GHz 8-Watt Internally Matched Power FET
EIC7785-8 EXCELICS-EIC7785-8 Datasheet
166Kb / 4P
   7.70-8.50GHz 8-Watt Internally-Matched Power FET
EIC1011-8 EXCELICS-EIC1011-8 Datasheet
123Kb / 2P
   10.70-11.70GHz 8-Watt Internally Matched Power FET
EID1415A1-8 EXCELICS-EID1415A1-8 Datasheet
181Kb / 4P
   14.40-15.35GHz 8-Watt Internally-Matched Power FET
EIC6472-8 EXCELICS-EIC6472-8 Datasheet
169Kb / 4P
   6.40-7.20GHz 8-Watt Internally-Matched Power FET
EIC7179-8 EXCELICS-EIC7179-8 Datasheet
187Kb / 4P
   7.10-7.90GHz 8-Watt Internally-Matched Power FET
EIC8596-8 EXCELICS-EIC8596-8 Datasheet
188Kb / 4P
   8.50-9.60GHz 8-Watt Internally-Matched Power FET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com