Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWS-1F3883P22 Datasheet (PDF) - JDS Uniphase Corporation

DWS-1F3883P22 Datasheet PDF - JDS Uniphase Corporation
Part # DWS-1F3883P22
Download  DWS-1F3883P22 Download

File Size   127.2 Kbytes
Page   3 Pages
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation
Description WDM,Filter, 100 GHz, ITU Component

DWS-1F3883P22 Datasheet (PDF)

Go To PDF Page Download Datasheet
DWS-1F3883P22 Datasheet PDF - JDS Uniphase Corporation

Part # DWS-1F3883P22
Download  DWS-1F3883P22 Click to download

File Size   127.2 Kbytes
Page   3 Pages
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation
Description WDM,Filter, 100 GHz, ITU Component

DWS-1F3883P22 Datasheet (HTML) - JDS Uniphase Corporation

DWS-1F3883P22 Datasheet HTML 1Page - JDS Uniphase Corporation DWS-1F3883P22 Datasheet HTML 2Page - JDS Uniphase Corporation DWS-1F3883P22 Datasheet HTML 3Page - JDS Uniphase Corporation



Similar Part No. - DWS-1F3883P22

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWS-1F3683L20 JDSU-DWS-1F3683L20 Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
DWS-1F3683L20-WB JDSU-DWS-1F3683L20-WB Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
DWS-1F3683L22 JDSU-DWS-1F3683L22 Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
DWS-1F3683L22-WB JDSU-DWS-1F3683L22-WB Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
DWS-1F3683L23 JDSU-DWS-1F3683L23 Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
More results


Similar Description - DWS-1F3883P22

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWS-2F3883P20 JDSU-DWS-2F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 200 GHz, ITU Component
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
DWS-1F3683L20-WB JDSU-DWS-1F3683L20-WB Datasheet
124Kb / 2P
   WDM Filter, 100 GHz Extrawide Passband, Low CD for 40 Gbps Applications
logo
Bookham, Inc.
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
TF2001553329 BOOKHAM-TF2001553329 Datasheet
318Kb / 3P
   200GHz WDM Filter Chips
TF1001553329 BOOKHAM-TF1001553329 Datasheet
324Kb / 3P
   100GHz WDM Filter Chips
logo
OPLINK Communications I...
UWDM59-S0172 OPLINK-UWDM59-S0172 Datasheet
174Kb / 2P
   Ultra Hi-Rel Undersea Component Family Fused Single-Mode WDM
UWDM59 OPLINK-UWDM59 Datasheet
174Kb / 2P
   Ultra Hi-Rel Undersea Component Family Fused Single-Mode WDM
logo
Bookham, Inc.
CB1SLU3215533290653 BOOKHAM-CB1SLU3215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
CB2SLU1115533290653 BOOKHAM-CB2SLU1115533290653 Datasheet
93Kb / 3P
   200GHz WDM Filter Components for OADM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com