Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWM-T81M7F16 Datasheet (PDF) - JDS Uniphase Corporation

FWM-T81M7F16 Datasheet PDF - JDS Uniphase Corporation
Part # FWM-T81M7F16
Download  FWM-T81M7F16 Download

File Size   126.2 Kbytes
Page   3 Pages
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation
Description Multi-Channel CWDM Mux/Demux 20 nm Spacing

FWM-T81M7F16 Datasheet (PDF)

Go To PDF Page Download Datasheet
FWM-T81M7F16 Datasheet PDF - JDS Uniphase Corporation

Part # FWM-T81M7F16
Download  FWM-T81M7F16 Click to download

File Size   126.2 Kbytes
Page   3 Pages
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation
Description Multi-Channel CWDM Mux/Demux 20 nm Spacing

FWM-T81M7F16 Datasheet (HTML) - JDS Uniphase Corporation

FWM-T81M7F16 Datasheet HTML 1Page - JDS Uniphase Corporation FWM-T81M7F16 Datasheet HTML 2Page - JDS Uniphase Corporation FWM-T81M7F16 Datasheet HTML 3Page - JDS Uniphase Corporation



Similar Part No. - FWM-T81M7F16

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FWM-4D33SCSB2 JDSU-FWM-4D33SCSB2 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SCSB4 JDSU-FWM-4D33SCSB4 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SCSB8 JDSU-FWM-4D33SCSB8 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SLGB2 JDSU-FWM-4D33SLGB2 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SLGB4 JDSU-FWM-4D33SLGB4 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
More results


Similar Description - FWM-T81M7F16

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
logo
MRV Communications, Inc...
MRV-FD-PWDM MRV-MRV-FD-PWDM Datasheet
288Kb / 3P
   Passive CWDM MUX/DeMUX Modules
logo
Finisar Corporation.
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
logo
JDS Uniphase Corporatio...
DWM-2F4DS2720 JDSU-DWM-2F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-1F4DS2720 JDSU-DWM-1F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
logo
Finisar Corporation.
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com