Part Number | Components Description | Html View | Manufacturer |
VTU-6393B1 | 300W Ku-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTU-6393C1 | 300W Ku-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTU-6392D2A | Ku-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTC-6264D4 | 400W C-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTC-6265E1 | W C-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTC-6361D3A | 750W C-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTC-6369D4 | 2.25 kW C-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTG-6229S1B | 250/300 W G-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTL-6242L1 | 200 W L-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |
VTL-6242L2Z | 250 W L-Band Helix TWT Series | 1 | Communications & Power Industries, Inc. |