Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKP100MT312 Datasheet (PDF) - Murata Power Solutions Inc.

VKP100MT312 Datasheet PDF - Murata Power Solutions Inc.
Part # VKP100MT312
Download  VKP100MT312 Download
File Size   296.36 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 100 Watt, Dual/Triple Output, Half Brick DC/DC Converter

VKP100MT312 Datasheet (PDF)

Go To PDF Page Download Datasheet
VKP100MT312 Datasheet PDF - Murata Power Solutions Inc.

Part # VKP100MT312
Download  VKP100MT312 Click to download

File Size   296.36 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 100 Watt, Dual/Triple Output, Half Brick DC/DC Converter

VKP100MT312 Datasheet (HTML) - Murata Power Solutions Inc.


VKP100MT312 Product details

DESCRIPTION
The VKP100xT Series are members of the VK high density DC/DC converter family. They are multiple output DC/DC converters offered in a 33-75 input voltage range. Their versatile architecture featuring fully isolated channels enables the system designer to utilize the converter in either a single, dual or triple output scheme without excessive minimum load requirements or cross regulation degradation.

FEATURESZ
■ 18 - 40 & 33 - 75V INPUT RANGE
■ 2.3" X 2.4" X 0.5"
■ USER CONFIGURABLE AS A SINGLE, DUAL OR TRIPLE OUTPUT
■ EACH CHANNEL INDEPENDENTLY CURRENT LIMITED
■ EXCELLENT CROSS REGULATION
■ 500VDC CHANNEL TO CHANNEL ISOLATION
■ HIGH EFFICIENCY: 88% TYPICAL
■ FIXED-FREQUENCY OPERATION
■ OPERATION TO +100°C BASEPLATE TEMPERATURE
■ 50MS TRANSIENT RECOVERY, 0-90% LOAD STEP
■ PRIMARY & SECONDARY REMOTE ON/OFF
■ ADJUSTABLE OUTPUT VOLTAGE
■ EXTERNAL SYNCHRONIZATION
■ VKP100MT SERIES ARE APPROVED TO UL/CUL1950, EN 60950




Similar Part No. - VKP100MT312

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKP100MT312 CANDD-VKP100MT312 Datasheet
833Kb / 6P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results


Similar Description - VKP100MT312

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
100 Watt Triple Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
60 Watt Triple Output Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
AIMTEC
AM100HB-UZ AIMTEC-AM100HB-UZ Datasheet
403Kb / 4P
100 Watt | Half Brick DC-DC Converter
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com