Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKP60MT315C Datasheet (PDF) - Murata Power Solutions Inc.

VKP60MT315C Datasheet PDF - Murata Power Solutions Inc.
Part # VKP60MT315C
Download  VKP60MT315C Download
File Size   335.95 Kbytes
Page   7 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 60 Watt Triple Output Half Brick DC/DC Converter

VKP60MT315C Datasheet (PDF)

Go To PDF Page Download Datasheet
VKP60MT315C Datasheet PDF - Murata Power Solutions Inc.

Part # VKP60MT315C
Download  VKP60MT315C Click to download

File Size   335.95 Kbytes
Page   7 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 60 Watt Triple Output Half Brick DC/DC Converter

VKP60MT315C Datasheet (HTML) - Murata Power Solutions Inc.


VKP60MT315C Product details

The VKP60LTC and VKP60MTC Series are members of the VK high density DC/DC converter family. They are multiple output DC/DC converters offered in both a 18-40 and 33-75 input voltage range. Their versatile architecture featuring fully isolated channels enables the system designer to utilize the converter in either a single, dual or triple output scheme without excessive minimum load requirements or cross regulation degradation.

● RoHS Compliant
● 18 - 40 & 33 - 75V Input Range
● Each Channel Independently Current Limited
● High Efficiency: 87% Typical
● Excellent Cross Regulation
● 1500VDC Isolation Between Input and Output
● 500 VDC Channel to Channel Isolation
● Fixed Frequency Operation
● Operation to 100°C Baseplate Temperature
● 50μS Transient Recovery, 0-90% Load Step
● Primary & Secondary Remote On/Off
● Adjustable Output Voltage
● External Synchronization
● VKP60MT Series UL/cUL approved to UL1950 and VDE approved to EN60950-1




Similar Part No. - VKP60MT315C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKP60MT315 CANDD-VKP60MT315 Datasheet
833Kb / 6P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Similar Description - VKP60MT315C

ManufacturerPart #DatasheetDescription
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
60 Watt Single Output Half Brick DC/DC Converter
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
100 Watt Triple Output Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com