Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLC100-31 Datasheet (PDF) - Murata Power Solutions Inc.

SLC100-31 Datasheet PDF - Murata Power Solutions Inc.
Part # SLC100-31
Download  SLC100-31 Download

File Size   150.05 Kbytes
Page   9 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 40 Amp Single Output Quarter Brick DC/DC Converter

SLC100-31 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLC100-31 Datasheet PDF - Murata Power Solutions Inc.

Part # SLC100-31
Download  SLC100-31 Click to download

File Size   150.05 Kbytes
Page   9 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 40 Amp Single Output Quarter Brick DC/DC Converter

SLC100-31 Datasheet (HTML) - Murata Power Solutions Inc.

SLC100-31 Datasheet HTML 1Page - Murata Power Solutions Inc. SLC100-31 Datasheet HTML 2Page - Murata Power Solutions Inc. SLC100-31 Datasheet HTML 3Page - Murata Power Solutions Inc. SLC100-31 Datasheet HTML 4Page - Murata Power Solutions Inc. SLC100-31 Datasheet HTML 5Page - Murata Power Solutions Inc. SLC100-31 Datasheet HTML 6Page - Murata Power Solutions Inc. SLC100-31 Datasheet HTML 7Page - Murata Power Solutions Inc. SLC100-31 Datasheet HTML 8Page - Murata Power Solutions Inc. SLC100-31 Datasheet HTML 9Page - Murata Power Solutions Inc.

SLC100-31 Product details

The SLC100 Series is a 40 Amp single output, low-profile DC-DC converter in an industry standard package of 2.28” x 1.45” x 0.40”. The SLC100 uses unique proprietary technologies to deliver ultra high efficiencies and excellent thermal performance. It includes extensive control and protection features for maximum flexibility and provides a versatile solution for a whole range of applications with its input voltage range of 36-75 VDC and output voltages between 1.0VDC and 12.0VDC.

The power dissipation of the SLC100 series is so low that a heat sink is not required. Thermal derating curves are provided indicating maximum allowable output current versus airflow and ambient temperature. The product features fast dynamic response characteristics and low output ripple critical for low voltage applications. SLC DC-DC converter modules are certified to UL/CUL 60950, and VDE to EN60950. It meets CISPR22/EN55022/FCC15J Class B specs for EMI levels with external filtering.

This high quality and highly reliable product is competitively priced and an ideal solution for distributed power, telecoms and datacom applications



● Industry Standard Footprint & Size - 2.28” x 1.45”

● High Efficiency

● Wide Input Voltage Range: 36 – 75VDC

● Output Voltages: 1.0V,1.2 V, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V, 5.0V & 12V

● Output VoltageTrim Function

● Remote Sense for output compensation

● Remote ON/OFF control referenced to input side (Positive or Negative Logic)

● Output Current Limit

● No Minimum Load Requirement

● SMD Models with Position Perfect™ Interconnects

● Isolation Voltage of 2000 VDC

● Fixed Frequency Operation

● UL/CUL 60950 recognized (US & Canada), basic insulation rating

● Meets TNV-SELV Isolation Requirements

● Meets Conducted Emissions Requirements of FCC Class B and EN55022 Class B with External Filter

● No Heatsink Required

● Thermal Shutdown

● Input Undervoltage Lockout



 




Similar Part No. - SLC100-31

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100-31 CANDD-SLC100-31 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results


Similar Description - SLC100-31

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
VKQ100MS1V8 CANDD-VKQ100MS1V8 Datasheet
191Kb / 5P
   40 AMP, 1.8 VOUT, QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com