Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-932 Datasheet (PDF) - Murata Power Solutions Inc.

ADS-932 Datasheet PDF - Murata Power Solutions Inc.
Part # ADS-932
Download  ADS-932 Download

File Size   166.91 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 16-Bit, 2MHz Sampling A/D Converters

ADS-932 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-932 Datasheet PDF - Murata Power Solutions Inc.

Part # ADS-932
Download  ADS-932 Click to download

File Size   166.91 Kbytes
Page   11 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 16-Bit, 2MHz Sampling A/D Converters

ADS-932 Datasheet (HTML) - Murata Power Solutions Inc.

Back Button ADS-932 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 8Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 9Page - Murata Power Solutions Inc. ADS-932 Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button 

ADS-932 Product details

GENERAL DESCRIPTION
The low-cost ADS-932 is a 16-bit, 2MHz sampling A/D converter. This device accurately samples full-scale input signals up to Nyquist frequencies with no missing codes. The dynamic performance of the ADS-932 has been optimized to achieve a signal-to-noise ratio (SNR) of 87dB and a total harmonic distortion (THD) of –88dB.

FEATURES
• 16-bit resolution
• 2MHz sampling rate
• Functionally complete
• No missing codes over full military temperature range
• Edge-triggered
• ±5V supplies, 1.85 Watts
• Small, 40-pin, ceramic TDIP
• 87dB SNR, –88dB THD
• Ideal for both time and frequency-domain applications




Similar Part No. - ADS-932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
ADS-932MC ETC1-ADS-932MC Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-932MC DATEL-ADS-932MC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-932MC-C DATEL-ADS-932MC-C Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-932ME DATEL-ADS-932ME Datasheet
105Kb / 1P
   Sampling A/D Converters
More results


Similar Description - ADS-932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com