Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-927 Datasheet (PDF) - Murata Power Solutions Inc.

ADS-927 Datasheet PDF - Murata Power Solutions Inc.
Part # ADS-927
Download  ADS-927 Download

File Size   152.83 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 14-Bit, 1MHz, Low-Power Sampling A/D Converters

ADS-927 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-927 Datasheet PDF - Murata Power Solutions Inc.

Part # ADS-927
Download  ADS-927 Click to download

File Size   152.83 Kbytes
Page   8 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 14-Bit, 1MHz, Low-Power Sampling A/D Converters

ADS-927 Datasheet (HTML) - Murata Power Solutions Inc.

ADS-927 Datasheet HTML 1Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 2Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 3Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 4Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 5Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 6Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 7Page - Murata Power Solutions Inc. ADS-927 Datasheet HTML 8Page - Murata Power Solutions Inc.

ADS-927 Product details

GENERAL DESCRIPTION
The ADS-927 is a high-performance, 14-bit, 1MHz sampling A/D converter. This device samples input signals up to Nyquist frequencies with no missing codes. The ADS-927 features outstanding dynamic performance including a THD of –80dB.

FEATURES
• 14-bit resolution
• 1MHz sampling rate
• Functionally complete
• No missing codes
• Small 24-pin DDIP or SMT package
• Low power, 1.9 Watts maximum
• Operates from ±15V or ±12V supplies
• Bipolar ±5V input range




Similar Part No. - ADS-927

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-927-C/883 DATEL-ADS-927-C/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-927-C883 DATEL-ADS-927-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927/883 ETC-ADS-927/883 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-927/883 MURATA-PS-ADS-927/883 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Similar Description - ADS-927

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-917 MURATA-PS-ADS-917 Datasheet
191Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-937 ETC-ADS-937 Datasheet
194Kb / 8P
   16-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com