Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2560 Datasheet (PDF) - Fairchild Semiconductor

FAN2560 Datasheet PDF - Fairchild Semiconductor
Part # FAN2560
Download  FAN2560 Download

File Size   795.09 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 350mA Low-VIN LDO with Fast Transient Response

FAN2560 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN2560 Datasheet PDF - Fairchild Semiconductor

Part # FAN2560
Download  FAN2560 Click to download

File Size   795.09 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 350mA Low-VIN LDO with Fast Transient Response

FAN2560 Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN2560 Datasheet HTML 1Page - Fairchild Semiconductor FAN2560 Datasheet HTML 2Page - Fairchild Semiconductor FAN2560 Datasheet HTML 3Page - Fairchild Semiconductor FAN2560 Datasheet HTML 4Page - Fairchild Semiconductor FAN2560 Datasheet HTML 5Page - Fairchild Semiconductor FAN2560 Datasheet HTML 6Page - Fairchild Semiconductor FAN2560 Datasheet HTML 7Page - Fairchild Semiconductor FAN2560 Datasheet HTML 8Page - Fairchild Semiconductor FAN2560 Datasheet HTML 9Page - Fairchild Semiconductor FAN2560 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN2560 Product details

Description
The FAN2560 is a linear low-dropout (LDO) regulator with a split-supply architecture. Separate bias and supply inputs allow bias to be taken directly from the battery, while the input is taken from a lower preregulated source. This allows a smaller differential voltage between input and output, which provides greater efficiency over a wider VBAT range.
The FAN2560 is available in a fixed-voltage output, 5-bump, WLCSP package.

Features
■ 55µA Typical Quiescent Current
■ Up to 350mA Output Current
■ 2.9V to 5.5V Bias Supply Voltage
■ VOUT+0.1V to 5.5V Power Input Supply Voltage
■ Fixed Voltage Options: 1.3V and 1.5V
■ Thermal Shutdown Protection (TSD)
■ Input Under-Voltage Lockout (UVLO)
■ Short-Circuit Current Protection (SCP)
■ 5-bump 0.96 x 1.33mm WLCSP

Applications
■ Moderate Current Digital Loads
■ DVB-H, DMB Processors
■ Handsets, Smart Phones
■ WLAN DC-DC Converter Modules
■ PDA, DSC, PMP, and MP3 Players
■ Portable Hard Disk Drives




Similar Part No. - FAN2560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC15X FAIRCHILD-FAN2560UC15X Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560 FAIRCHILD-FAN2560_09 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
More results


Similar Description - FAN2560

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560_09 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com