![]() |
Electronic Components Datasheet Search |
|
SM11A Datasheet (PDF) - MIC GROUP RECTIFIERS |
SM11A Datasheet (HTML) - MIC GROUP RECTIFIERS |
SM11A Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | SM11A |
Download | SM11A Click to view |
File Size | 67.78 Kbytes |
Page | 4 Pages |
Maker | MIC [MIC GROUP RECTIFIERS] |
Homepage | http://www.cnmic.com |
Logo | |
Description | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
1.5SMC_1 | 1500 Watts Surface Mount Transient Voltage Suppressor | 1 2 3 4 | Taiwan Semiconductor Company, Ltd |
1.5SMC75A | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | MDE Semiconductor, Inc. |
3.0SMCJ_06 | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 More | Won-Top Electronics |
3.0SMCJ5.0A | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 | MDE Semiconductor, Inc. |
3.0SMCJ180 | 3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | Won-Top Electronics |
5.0SMDJ11A | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 | MDE Semiconductor, Inc. |
SMAT70A_1 | 400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 | Diodes Incorporated |
P4SMA220 | Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes | 1 2 | Diotec Semiconductor |
1.5SMC | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | Pan Jit International Inc. |
Datasheet Page |
1 2 3 4 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |