Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL-LXA228AC-TR21 Datasheet (PDF) - LUMEX INC.

SSL-LXA228AC-TR21 Datasheet PDF - LUMEX INC.
Part # SSL-LXA228AC-TR21
Download  SSL-LXA228AC-TR21 Download

File Size   64.99 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 605nm AMBER AXIAL LEADED LED

SSL-LXA228AC-TR21 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LXA228AC-TR21 Datasheet PDF - LUMEX INC.

Part # SSL-LXA228AC-TR21
Download  SSL-LXA228AC-TR21 Click to download

File Size   64.99 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 605nm AMBER AXIAL LEADED LED

SSL-LXA228AC-TR21 Datasheet (HTML) - LUMEX INC.

SSL-LXA228AC-TR21 Datasheet HTML 1Page - LUMEX INC.



Similar Part No. - SSL-LXA228AC-TR21

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LXA228AC-TR11 LUMEX-SSL-LXA228AC-TR11 Datasheet
62Kb / 1P
   AXIAL LED, CULL WING LEADS
SSL-LXA228AC-TR31 LUMEX-SSL-LXA228AC-TR31 Datasheet
66Kb / 1P
   605nm AMBER, AXIAL LED, WATER CLEAR LENS, Z BEND, TAPE AND REEL
More results


Similar Description - SSL-LXA228AC-TR21

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LXA228AC-TR31 LUMEX-SSL-LXA228AC-TR31 Datasheet
66Kb / 1P
   605nm AMBER, AXIAL LED, WATER CLEAR LENS, Z BEND, TAPE AND REEL
logo
A-BRIGHT Inc
AL-XA1361 A-BRIGHT-AL-XA1361 Datasheet
339Kb / 5P
   Amber Axial LED Lamps
2006/10/18
AL-XJF361 A-BRIGHT-AL-XJF361 Datasheet
339Kb / 5P
   Super Amber Axial LED Lamps AXIAL LED LAMPS
2006/10/18
logo
LUMEX INC.
SSL-LXA228GD-TR21 LUMEX-SSL-LXA228GD-TR21 Datasheet
68Kb / 1P
   Axial Leaded LED
SML-LXR85AC-TR LUMEX-SML-LXR85AC-TR Datasheet
68Kb / 1P
   0.5mm x 3.2mm PCB. RIGHT ANGLE SURFACE MOUNT LED, 605nm AMBER
logo
Marktech Corporate
MT134A MARKTECH-MT134A Datasheet
224Kb / 1P
   Axial Leaded LED Lamps
MT210-R MARKTECH-MT210-R Datasheet
29Kb / 1P
   AXIAL LEADED LED LAMPS
MT1302A MARKTECH-MT1302A Datasheet
200Kb / 1P
   Axial Leaded LED Lamps
MT144A-RG MARKTECH-MT144A-RG Datasheet
66Kb / 1P
   Axial Leaded LED Lamps
MT144AP-RG MARKTECH-MT144AP-RG Datasheet
39Kb / 1P
   Axial Leaded LED Lamps
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com