Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBPC602 Datasheet (PDF) - MIC GROUP RECTIFIERS

GBPC602 Datasheet PDF - MIC GROUP RECTIFIERS
Part # GBPC602
Download  GBPC602 Download

File Size   70.93 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

GBPC602 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC602 Datasheet PDF - MIC GROUP RECTIFIERS

Part # GBPC602
Download  GBPC602 Click to download

File Size   70.93 Kbytes
Page   2 Pages
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS
Description GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER

GBPC602 Datasheet (HTML) - MIC GROUP RECTIFIERS

GBPC602 Datasheet HTML 1Page - MIC GROUP RECTIFIERS GBPC602 Datasheet HTML 2Page - MIC GROUP RECTIFIERS

GBPC602 Product details

FEATURES
• Plastic package has underwriters laboratory
• Flammability classification 94V-0
• Glass passivated ship junction
• High case dielectric with standing voltage of 1500VRMS
• Tyoical IR less than 0.5μA
• High surge current capability
• Ideal for printed circuit boards
• High temperature soldering guaranteed 260/10 seconds, 0.375” (9.5mm) lead length at 5 lbs (2.3kg) tension



Similar Part No. - GBPC602

ManufacturerPart #DatasheetDescription
Shanghai Lunsure Electronic Tech
Shanghai Lunsure Electr...
GBPC602 CHENYI-GBPC602 Datasheet
205Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
General Semiconductor
General Semiconductor
GBPC602 GE-GBPC602 Datasheet
84Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Vishay Siliconix
Vishay Siliconix
GBPC602 VISHAY-GBPC602 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
TAITRON Components Incorporated
TAITRON Components Inco...
GBPC602 TAITRON-GBPC602 Datasheet
210Kb / 4P
   6.0A Glass Passivated Bridge Rectifier
Vishay Siliconix
Vishay Siliconix
GBPC602 VISHAY-GBPC602 Datasheet
99Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
More results

Similar Description - GBPC602

ManufacturerPart #DatasheetDescription
Comchip Technology
Comchip Technology
GBJ2502-G COMCHIP-GBJ2502-G Datasheet
42Kb / 2P
   Glass Passivated SINGLE PHASE BRIDGE Rectifier
Vishay Siliconix
Vishay Siliconix
GBU8A VISHAY-GBU8A Datasheet
103Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 21-Jan-08
G2SBA20 VISHAY-G2SBA20_08 Datasheet
103Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 12-Feb-08
GBPC12 VISHAY-GBPC12 Datasheet
116Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
MIC GROUP RECTIFIERS
MIC GROUP RECTIFIERS
2W005G MIC-2W005G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G2SB20 MIC-G2SB20 Datasheet
55Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G2SBA20 MIC-G2SBA20 Datasheet
56Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ6005 MIC-GBJ6005 Datasheet
62Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBLA005 MIC-GBLA005 Datasheet
65Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
GBPC1005 MIC-GBPC1005 Datasheet
68Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBJ6005G MIC-KBJ6005G Datasheet
61Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com