Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MHF2812D Datasheet (PDF) - Crane Aerospace & Electronics.

MHF2812D Datasheet PDF - Crane Aerospace & Electronics.
Part No. MHF2812D
Download  MHF2812D Click to view

File Size   88.18 Kbytes
Page   6 Pages
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.
Description DC/DC CONVERTERS 28 VOLT INPUT

MHF2812D Datasheet (PDF)

Go To PDF Page Download Datasheet
MHF2812D Datasheet PDF - Crane Aerospace & Electronics.

Part No. MHF2812D
Download  MHF2812D Click to view

File Size   88.18 Kbytes
Page   6 Pages
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.
Description DC/DC CONVERTERS 28 VOLT INPUT

MHF2812D Datasheet (HTML) - Crane Aerospace & Electronics.

MHF2812D Datasheet HTML 1Page - Crane Aerospace & Electronics. MHF2812D Datasheet HTML 2Page - Crane Aerospace & Electronics. MHF2812D Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF2812D Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF2812D Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF2812D Datasheet HTML 6Page - Crane Aerospace & Electronics.

MHF2812D Product details

FEATURES

• –55° to +125°C operation

• 16 to 40 VDC input (16 to 48 VDC triple)

• Fully isolated

• Optocoupler feedback

• Fixed frequency 550 kHz typical

- 450 kHz triple models

• Topology

- Single and dual: Single Ended Forward

- Triple: Current Mode Flyback

• Transient protection

- Single and dual: 50 V/50 ms

- Triple: 80 V/120 ms

• Inhibit and sync functions

• Indefinite short circuit protection

• Undervoltage lockout

• Up to 84% efficiency, 28 W/in3

- Up to 76% efficiency triple models



Similar Part No. - MHF2812D

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
MHF2812D ETC1-MHF2812D Datasheet
149Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
Interpoint Corporation Company
Interpoint Corporation ...
MHF2812D INTERPOINT-MHF2812D Datasheet
1Mb / 23P
   Only 0.33 inches (8.38 mm) high in a hermetically sealed case
MHF2812D/883 INTERPOINT-MHF2812D/883 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHF2812DF/883 INTERPOINT-MHF2812DF/883 Datasheet
314Kb / 21P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - MHF2812D

ManufacturerPart No.DatasheetDescription
Interpoint Corporation Company
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
   DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
   DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
   DC/DC CONVERTERS 28 VOLT INPUT
Interpoint Corporation Company
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
Crane Aerospace & Electronics.
Crane Aerospace & Elect...
MHD2805S CRANE-MHD2805S Datasheet
157Kb / 11P
   DC/DC CONVERTERS 28 VOLT INPUT
More results





Datasheet Page


1   2   3   4   5   6  


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz