Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE170 Datasheet (PDF) - Mospec Semiconductor

MJE170 Datasheet PDF - Mospec Semiconductor
Part # MJE170
Download  MJE170 Download

File Size   228.62 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(3.0A,40-80V,12.5W)

MJE170 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE170 Datasheet PDF - Mospec Semiconductor

Part # MJE170
Download  MJE170 Click to download

File Size   228.62 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(3.0A,40-80V,12.5W)

MJE170 Datasheet (HTML) - Mospec Semiconductor

MJE170 Datasheet HTML 1Page - Mospec Semiconductor MJE170 Datasheet HTML 2Page - Mospec Semiconductor MJE170 Datasheet HTML 3Page - Mospec Semiconductor MJE170 Datasheet HTML 4Page - Mospec Semiconductor

MJE170 Product details

COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS




Similar Part No. - MJE170

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MJE170 SAMSUNG-MJE170 Datasheet
135Kb / 4P
   PNP (LOW POWER AUDIO AMPLIFIER)
logo
Nanjing International G...
MJE170 DGNJDZ-MJE170 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
MJE170 FAIRCHILD-MJE170 Datasheet
49Kb / 5P
   Low Power Audio Amplifier Low Current, High Speed Switching Applications
logo
ON Semiconductor
MJE170 ONSEMI-MJE170 Datasheet
83Kb / 6P
   Complementary Plastic Silicon Power Transistors 40 ??60 ??80 VOLTS 12.5 WATTS
January, 2006 ??Rev. 9
logo
Savantic, Inc.
MJE170 SAVANTIC-MJE170 Datasheet
102Kb / 3P
   Silicon PNP Power Transistors
More results


Similar Description - MJE170

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTM01C12 ETA-USA-VTM01C12 Datasheet
5Mb / 3P
   12.5W Isolated Power Supply
logo
Rohm
RSQ030N08HZG ROHM-RSQ030N08HZG Datasheet
2Mb / 15P
   Nch 80V 3.0A Small Signal MOSFET
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
2SAR514R ROHM-2SAR514R Datasheet
372Kb / 6P
   Midium Power Transistors (-80V / -0.7A)
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR554R ROHM-2SCR554R Datasheet
442Kb / 6P
   Midium Power Transistors (80V / 1.5A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
   Midium Power Transistors (-80V / -2.5A)
logo
Mospec Semiconductor
2SB507 MOSPEC-2SB507 Datasheet
112Kb / 3P
   POWER TRANSISTORS(3.0A,60V,30W)
2SB596 MOSPEC-2SB596 Datasheet
119Kb / 3P
   POWER TRANSISTORS(4.0A,80V,30W)
logo
Rohm
2SCR554P5 ROHM-2SCR554P5 Datasheet
1Mb / 9P
   Middle Power Transistors (80V / 1.5A)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com